Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 11Page - STMicroelectronics ST75C520 Datasheet HTML 12Page - STMicroelectronics ST75C520 Datasheet HTML 13Page - STMicroelectronics ST75C520 Datasheet HTML 14Page - STMicroelectronics ST75C520 Datasheet HTML 15Page - STMicroelectronics ST75C520 Datasheet HTML 16Page - STMicroelectronics ST75C520 Datasheet HTML 17Page - STMicroelectronics ST75C520 Datasheet HTML 18Page - STMicroelectronics ST75C520 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
V.2.1.4 - Configuration Control Commands
CONF
Configure. This command configures the
modem engine for data transmission and
handshake procedures (if any) in any of
the supported modes. The transmission
parameters are set to their default values
and can be modified with the MODC
command. Parametric command.
MODC
Modify Configuration. This command
allows modification of some of the
parameters which have been set up by
the CONF command. It can also be used
to alter the mode of operations (short
train). Parametric command.
DOSR
Define Optional Status Report. This
command allows the modification of the
optional status report located in the
status area of the dual port RAM. One
can thus select a particular parameter to
be monit ored during all modes of
operation. Parametric command.
DSIT
Define Status Interrupt. This command
allows the programming of the status
word bit that will generate an Interrupt to
the controller. Parametric command.
V.2.1.5 - Tone Generation Commands
TONE
Se le ct Tone. Progra m s the ton e
gene rator(s) for the desired default
tone(s). Additional mnemonics provide
quick programming of DTMF tones or
other currently used tones. Parametric
command.
DEFT
De fi ne Tone. Programs t he t one
generator(s) for arbitrary tone synthesis.
Parametric command.
TGEN
Tone Generator Control. Enables or
di sabl es t h e t one gener at or ( s ).
Parametric command.
IV.2.1.6 - Tone Detection Commands
TDRC
Read Tone Detector Coefficient. Read
o n e To ne Dete c to r Co effi ci en t.
Parametric command.
TDWC
Write Tone Detector Coefficient. Write
o n e To ne Dete c to r Co effi ci en t.
Parametric command.
TDRW
Read Tone Detector Wiring. Read one
Tone Detector Wirin g co nnection.
Parametric command.
TDWW
Write Tone Detector Wiring. Write one
Tone Detector Wirin g co nnection.
Parametric command.
TDZ
Clear Tone Detector Cell. Clear internal
variables of a Tone Detector Cell.
Parametric command.
V.2.1.7 - Miscellaneous Commands
CALL
Call a Subroutine. Call a subroutine with
one Parameter. Parametric command.
JSR
Call a Low Level Subroutine. Call an
internal subroutine with one parameter.
Parametric command.
ST75C520
15/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com