Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 3Page - STMicroelectronics ST75C520 Datasheet HTML 4Page - STMicroelectronics ST75C520 Datasheet HTML 5Page - STMicroelectronics ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics ST75C520 Datasheet HTML 10Page - STMicroelectronics ST75C520 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
III.2.2 - Digital Interface
All digital pins except XTAL Pins.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
-0.3
0.8
V
VIH
High Level Input Voltage
2.2
V
II
Input Current VI =VDD or VI = GND
-10
0
+10
µA
VOH
High Level Output Voltage (Iload = 2mA)
2.4
V
VOL
Low Level Output Voltage (Iload = 2mA)
0.4
V
IOZ
Three State Input Leakage Current (GND < VO <VDD)
-50
0
50
µA
CIN
Input Capacitance
5
pF
Crystal oscillator interface (XTAL, EXTAL).
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
1.5
V
VIH
High Level Input Voltage
3.5
V
IL
Low Level Input Current GND < VI <VILmax
-15
µA
IH
High Level Input Current VIHmin < VI <VDD
15
µA
III.2.3 - Analog Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
VREF
Differential Reference Voltage Input = VREFP -VREFN
2.40
2.50
2.60
V
VCMOin
Input Common Mode Offset, v = (RXA1+RXA2)/2 - VCM
-300
300
mV
VDIFin
Differential Input Voltage RXA1 - RXA2
2 x VREF
VPP
VCMOout
Output Common Mode Voltage Offset = (TXA1+TXA2)/2 - VCM
-200
200
mV
VDIFout
Differential Output Voltage TXA1 - TXA2
2 x VREF
VPP
VOFFOut
Differential Output DC Offset (TXA1 - TXA2)
-100
100
mV
Rin
Input Resistance
RXAx
100
k
Ω
Rout
Output Resistance
TXAx
20
Ω
RL
Load Resistance
TXAx
10
k
Ω
CL
Load Capacitance
TXAx
50
pF
ST75C520
7/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com