Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics ST75C520 Datasheet HTML 10Page - STMicroelectronics ST75C520 Datasheet HTML 11Page - STMicroelectronics ST75C520 Datasheet HTML 12Page - STMicroelectronics ST75C520 Datasheet HTML 13Page - STMicroelectronics ST75C520 Datasheet HTML 14Page - STMicroelectronics ST75C520 Datasheet HTML 15Page - STMicroelectronics ST75C520 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
V.1.2 - Interruptions
The ST75C520 can generate 5 interrupts for the
controller. The interrupt handling is made with a set
of registers located from $40 to $50.
The interruptions generated by the ST75C520
come from several different sources. Once the
ST75C520 raises an interrupt, a signal is sent to
the controller. The controller has then to process
the interrupt and clear it. The interrupt source can
be examined in the Interrupt Source Register
ITSRCR located at $50. According to this status
byte, the interrupt source can be determined.Then,
writing a zero at one of the memory location $40 to
$46 (Reset Interrupt Registers ITREST[0..6]) will
reset the corresponding interrupt (and thus ac-
knowledge it). These sources of interruptions can
be masked globally or individually using the Inter-
rupt Mask Register ITMASK located at $4F.
The interrupt sources are :
- IT0 : Error/Warning
This signifies that an error has occurred and the
error code is available in the error status byte
SYSERR. This byte can be selectively cleared by
the CSE command.
- IT2 : Tx Buffer
Each time the ST75C520 frees a buffer, this
interrupt is generated.
- IT3 : Rx Buffer
Each time the ST75C520 has filled a buffer, this
interrupt is generated.
- IT4 : Status Byte
This signifies that the status byte has changed
and must be checked by the controller.
- IT6 : Command Acknowledge
This signifies that the ST75C520 has read the last
command entered by the host, incremented the
command counter COMACK, and is ready for a
new command.
ITSRCR
X
D6
X
D4
D3
D2
X
D0
D0 = 1
IT0 Pending
D2 = 1
IT2 Pending
Dn = 1
ITn Pending
ITMASK
D7
D6
X
D4
D3
D2
X
D0
D7 and D0 = 1 IT0 Enable D
D7 and D2 = 1 IT2 Enable D
...................... .....................
D7 and D6 = 1 IT6 Enable D
ST75C520
12/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com