Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 4Page - STMicroelectronics ST75C520 Datasheet HTML 5Page - STMicroelectronics ST75C520 Datasheet HTML 6Page - STMicroelectronics ST75C520 Datasheet HTML 7Page - STMicroelectronics ST75C520 Datasheet HTML 8Page - STMicroelectronics ST75C520 Datasheet HTML 9Page - STMicroelectronics ST75C520 Datasheet HTML 10Page - STMicroelectronics ST75C520 Datasheet HTML 11Page - STMicroelectronics ST75C520 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
III.3 - AC Electrical Characteristics
III.3.1 - Dual Port RAM Host Timing
Number
Description
Min.
Typ.
Max.
Unit
1
Address and Control Set-up Time
5
ns
2
SDTACK Acknowledge
20
ns
3
Data Set-up Time
10
ns
4
Address and Control Hold Time
0
ns
5
Data Hold Time
5
ns
6
SDTACK Hold Time
0
ns
7
Write Enable Low State
45
ns
8
Access Inhibition High State (see Note)
70
ns
9
Read Enable Low State
45
ns
10
Read Data Access
35
ns
11
SINTR Clear Delay
50
ns
12
Data Valid to Tristate
15
ns
Note :
A minimum delay of 70ns is required only from the rizing edge of NWRITE to the falling edge of the next selected NREAD or NWRITE.
19
4
NSCS
SA[0..6]
SR/NW
SD[0..7]
WRITE-CYCLE TIMING
Valid Address
READ-CYCLE TIMING
Valid Address
Valid Data
OUT
NSDS
NSDTACK
NSINTR
SR/NW (= NWRITE)
NSDS (= NREAD)
17
4
8
3
5
10
5
12
26
26
11
Valid Data
IN
ST75C520
8/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com