Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics ST75C520 Datasheet HTML 40Page - STMicroelectronics ST75C520 Datasheet HTML 41Page - STMicroelectronics ST75C520 Datasheet HTML 42Page - STMicroelectronics ST75C520 Datasheet HTML 43Page - STMicroelectronics ST75C520 Datasheet HTML 44Page - STMicroelectronics ST75C520 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
XII - ELECTRICAL SCHEMATICS (continued)
RING
TIP
1
3
2
8
4
220pF
40k
Ω
320
Ω
TL072
22k
Ω
22k
Ω
680pF
13.2k
Ω
13.2k
Ω
22k
Ω
220pF
22k
Ω
220
Ω
40k
Ω
20k
Ω
20k
Ω
1
3
2
8
4
TL072
TL072
TL072
15k
Ω
15k
Ω
82k
Ω
1.2k
Ω
1.2k
Ω
2.2nF
2.2nF
100 nF
10
µF
100nF
100nF
10
µF
1k
Ω
1k
Ω
1k
Ω
10
µF
AGND
AGND
AGND
AV
DD
TRANSFORMER
1k
Ω
RXA 2
TXA1
TXA2
RXA 1
VREFP
VCM
VREFN
8
4
7
5
6
8
4
6
5
7
Figure 14
XIII - PCB DESIGN GUIDELINES
Performances of the FAX modem depends on the
ST75C520 intrinsic performances and on the
proper PC board layout. All aspects of the proper
engineering practices, for PC board design, are
beyond the scope of this paragraph.
We recommend the following points :
- in a 4-layer PC board :
Separated digital ground and analog ground,
connected together at one point, as close as
possible to the ST75C520,
- in a 2-layer PC board :
Provide a ground grid in all space around and
under components on both sides of the band and
connect to avoid small islands,
- both AGNDR and AGNDT must be connected
with very low impedance to a single point, (see
Chapter I.7, Power Supply),
- the two 2.2nF capacitorsconnectedto the RXA1 and
RXA2 Pins must be as close as possible to them,
- thetwo 100nFcapacitorsconnectedto the VREFPand
VREFN pins must be as close as possible to them,
- analog and digital supplies must be connected
together, at a single point, as close as possible to
the chip (see Chapter I.7, Power Supply).
ST75C520
43/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com