Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C520 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics ST75C520 Datasheet HTML 30Page - STMicroelectronics ST75C520 Datasheet HTML 31Page - STMicroelectronics ST75C520 Datasheet HTML 32Page - STMicroelectronics ST75C520 Datasheet HTML 33Page - STMicroelectronics ST75C520 Datasheet HTML 34Page - STMicroelectronics ST75C520 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
VII.2.7 - Default Optional Status in DTMF Receiver Mode
While in DTMF receiver mode the format of the STAOP word is as follows :
Add.
Name
Bit
765
4
321
0
$0C
STAOP0
TDT7
(1)
TDT6
(1)
TDT5
(1)
TDT4
(1)
TDT3
TDT2
TDT1
TDT0
$0D
STAOP1
TDT15
(1)
TDT14
(1)
TDT13
(1)
TDT12
(1 )
TDT11
(1)
TDT10
(1)
TDT9
(1)
TDT8
(1)
$0E
STAOP2
DTMF_DIGIT
(2)
Notes : 1. These cells are used by the DTMF detector.
2. DTMF_DIGIT is valid when the bit 7 of STATUS[1] (STA_DTMF) goes high. This value remains unchanged until a new DTMF
digit is detected.
VII.2.8 - Default Optional Status in Modem Mode
While in modem mode the format of the STAOP word is as follows :
Add.
Name
Bit
765
432
1
0
$0C
STAOP0
x
x
x
SPEED
(2)
SPVAL
(1)
$0D
STAOP1
Not used
$0E
STAOP2
PNSUCs
PRDETs
PNDETs
SCR1s
PRs
PNs
P2s
P1s
Notes : 1. SPVAL is active in V.33 receiver only at the same time as the rising transition of the SCR1s signal. Went SPVAL is set, it
indicates that the SPEED bits contain the data speed information.
2. SPEED is valid in V.33 receiver only. It can have 2 values, after the SCR1s signal goes high : 1000 for 14400bps and 0111 for
12000bps.
3. The STAOP2 bit reflects the progression of the synchronization. The STAOP2 bits have the following meaning :
Name
Position
Description
Tx
Rx
P1s
0
Unmodulated carrier sequence. Optional, used for echo protection.
X
P2s
1
Continuous 180
° phase reversal sequence
X
X
PNs
2
Equalizer trainning sequence
X
X
PRs
3
V.33 and V.17 rate sequence
X
SCR1s
4
Continuous scrambled 1 sequence
X
X
PNDETs
5
Turned on after PN sequence detection
X
PRDETs
6
Turned on after PR sequence detection (V.33 and V.17 only)
X
PNSUCs
7
Turned on after succesfull training of the receive equalizer. When on at
the end of the synchronization, the transmition BER is statisticaly
bellow 10ppm.
X
ST75C520
31/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com