Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC89210 Datasheet (PDF) - Sanyo Semicon Device

LC89210 Datasheet PDF - Sanyo Semicon Device
Part # LC89210
Download  LC89210 Download
File Size   199.46 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-speed fax modem data pump

LC89210 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89210 Datasheet PDF - Sanyo Semicon Device

Part # LC89210
Download  LC89210 Click to download

File Size   199.46 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-speed fax modem data pump

LC89210 Datasheet (HTML) - Sanyo Semicon Device


LC89210 Product details

Overview
The LC89210 is a highly integrated modem engine that can be used in products that support transmission rates up to the 14,400 bps rate used in contemporary group III fax equipment. The LC89210 is compatible with V.21, V.23 and Bell 103 full-duplex modems.

Features
• Supports the ITU-T V.17, V.29, and V.27ter fax standards
• ITU-T V.23, V.21, and Bell 103
• V.17, V.29 (T104), and V.27ter short training
• V.33 half duplex
• 1800-Hz or 1700-Hz carrier
• The LC89210 is a complete data pump on a single chip.
• 5 V single-voltage power supply
   — Operating power dissipation: 375 mW (typical)
   — Low power mode: 5 mW (typical)
• Expanded operating modes
   — Full implementation of V.17, V.33, V.29, and V.27ter handshaking
   — Autodial and autoanswer functions
   — Programmable tone detection and FSK V.21 flag pattern detection during high-speed reception
   — Programmable call progresss and call waiting tone detection, including DTMF
   — Support for programmable CLASSTM detection
   — Wide dynamic range (better than 48 dB)
   — A-law voice PCM mode
• Multiple interfaces
   — Parallel 64 ×8-bit dual-port RAM
   — Synchronous/HDLC parallel data processing
   — Support for HDLC framing
   — V.24 interface
   — Can monitor all operating states in real time.
   — Includes all diagnostic functions.
   — Dual 8-bit D/A converter for eye pattern display




Similar Part No. - LC89210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
9600-bps Facsimile Modem
More results


Similar Description - LC89210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
HIGH SPEED FAX MODEM DATA PUMP
Jun-1995
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
FAX Modem
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
Compact 33,600 BPS Data and Fax Modem
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
HIGH SPEED Modem and FAX FAMILY
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
FX949 CMLMICRO-FX949 Datasheet
624Kb / 25P
CDPD Wireless Modem Data Pump
logo
Synaptics Incorporated.
FM336 CONEXANT-FM336 Datasheet
85Kb / 14P
High Performance Fax Modem Family
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
PSI-DATA/FAX-MODEM/RS232
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com