Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOX923 Datasheet (PDF) - Fox Electronics

FOX923 Datasheet PDF - Fox Electronics
Part # FOX923
Download  FOX923 Download
File Size   75.41 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.0V Surface Mount TCXO/VCTCXO

FOX923 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOX923 Datasheet PDF - Fox Electronics

Part # FOX923
Download  FOX923 Click to download

File Size   75.41 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.0V Surface Mount TCXO/VCTCXO

FOX923 Datasheet (HTML) - Fox Electronics




Similar Part No. - FOX923

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923 FOX-FOX923 Datasheet
165Kb / 1P
1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
FOX923B FOX-FOX923B Datasheet
165Kb / 1P
1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
FOX923B-GP FOX-FOX923B-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
FOX923C FOX-FOX923C Datasheet
165Kb / 1P
1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
More results


Similar Description - FOX923

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECVT400 ECM-ECVT400 Datasheet
120Kb / 1P
Surface Mount VCTCXO
ECVT496 ECM-ECVT496 Datasheet
94Kb / 1P
Surface Mount VCTCXO
ECVT-560 ECM-ECVT-560 Datasheet
67Kb / 1P
Surface Mount VCTCXO
ECVT600 ECM-ECVT600 Datasheet
71Kb / 1P
Surface Mount VCTCXO
logo
Advanced Crystal Techno...
ACTSTE01 ACT-ACTSTE01 Datasheet
175Kb / 2P
TCXO/ VCTCXO housed in a Surface Mount
20/3/06
logo
Fox Electronics
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
3.0V SMD TCXO/VCTCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
3.0V Ultra Miniature SMD TCXO/VCTCXO
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com