Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOX923 Datasheet (PDF) - Fox Electronics

FOX923 Datasheet PDF - Fox Electronics
Part # FOX923
Download  FOX923 Download
File Size   165.1 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO

FOX923 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOX923 Datasheet PDF - Fox Electronics

Part # FOX923
Download  FOX923 Click to download

File Size   165.1 Kbytes
Page   1 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO

FOX923 Datasheet (HTML) - Fox Electronics




Similar Part No. - FOX923

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923 FOX-FOX923 Datasheet
75Kb / 1P
3.0V Surface Mount TCXO/VCTCXO
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
FOX923B FOX-FOX923B Datasheet
75Kb / 1P
3.0V Surface Mount TCXO/VCTCXO
FOX923B-GP FOX-FOX923B-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
FOX923C-GP FOX-FOX923C-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
More results


Similar Description - FOX923

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
SMD TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Fox Electronics
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Golledge Electronics Lt...
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
1.8V - 3.3V SM TCXO Clipped Sine
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
2.5V ~ 3.3V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com