Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ5 Datasheet (PDF) - TAITRON Components Incorporated

SMBJ5 Datasheet PDF - TAITRON Components Incorporated
Part # SMBJ5
Download  SMBJ5 Download
File Size   181.16 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 600W Surface Mount Transient Voltage Suppressor

SMBJ5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ5 Datasheet PDF - TAITRON Components Incorporated

Part # SMBJ5
Download  SMBJ5 Click to download

File Size   181.16 Kbytes
Page   5 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 600W Surface Mount Transient Voltage Suppressor

SMBJ5 Datasheet (HTML) - TAITRON Components Incorporated


SMBJ5 Product details

600W Surface Mount Transient Voltage Suppressor

Features
• Stand-off voltage from 5.0 to 170 volts
• 600W Peak Pulse Power capability on 10/1000 µs waveform repetition rate(duty cycle): 0.01%
• Fast response time: typically less than 1.0ps from 0v to VBR
• Low incremental surge resistance, excellent clamping capability
• Typical IR less than 1 uA above 10V
• High temperature soldering guaranteed:250°C/10 seconds at terminals
• This series is UL recognized under component index. File number E315008
• RoHS Compliant




Similar Part No. - SMBJ5

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ5.0 DCCOM-SMBJ5.0 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ5.0 EIC-SMBJ5.0 Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ5.0 GE-SMBJ5.0 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results


Similar Description - SMBJ5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com