Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C66 Datasheet (PDF) - STMicroelectronics

ST93C66 Datasheet PDF - STMicroelectronics
Part # ST93C66
Download  ST93C66 Download
File Size   107.57 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM

ST93C66 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST93C66 Datasheet PDF - STMicroelectronics

Part # ST93C66
Download  ST93C66 Click to download

File Size   107.57 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM

ST93C66 Datasheet (HTML) - STMicroelectronics


ST93C66 Product details

DESCRIPTION
This specification covers a range of 4K bit serial EEPROM products, the ST93C66 specified at 5V ± 10% and the ST93C67 specified at 3V to 5.5V. In the text, products are referred to as ST93C66.
The ST93C66 is a 4K bit Electrically Erasable ProgrammableMemory(EEPROM) fabricatedwith SGS-THOMSON’s High EnduranceSingle Polysilicon CMOS technology. The memory is accessed through a serial input (D) and output (Q). The 4K bit memory is divided into either 512 x 8 bit bytes or 256 x 16 bit words. The organization may be selected by a signal applied on the ORG input.

■ 1 MILLION ERASE/WRITE CYCLES, with 40 YEARS DATA RETENTION
■ DUAL ORGANIZATION: 256 x 16 or 512 x 8
■ BYTE/WORD and ENTIRE MEMORY PROGRAMMING INSTRUCTIONS
■ SELF-TIMED PROGRAMMING CYCLE with AUTO-ERASE
■ READY/BUSY SIGNAL DURING PROGRAMMING
■ SINGLE SUPPLY VOLTAGE:
   – 4.5V to 5.5V for ST93C66 version
   – 3V to 5.5V for ST93C67 version
■ SEQUENTIAL READ OPERATION
■ 5ms TYPICAL PROGRAMMING TIME
■ ST93C66 and ST93C67 are replaced by the M93C66




Similar Part No. - ST93C66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B1013TR STMICROELECTRONICS-ST93C06B1013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B3013TR STMICROELECTRONICS-ST93C06B3013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B6013TR STMICROELECTRONICS-ST93C06B6013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06C STMICROELECTRONICS-ST93C06C Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
More results


Similar Description - ST93C66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS66 STMICROELECTRONICS-ST93CS66 Datasheet
124Kb / 16P
4K 256 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
Two-wire Serial EEPROM 4K (512 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com