Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C66 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST93C66
Description  4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C66 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST93C66 Datasheet HTML 5Page - STMicroelectronics ST93C66 Datasheet HTML 6Page - STMicroelectronics ST93C66 Datasheet HTML 7Page - STMicroelectronics ST93C66 Datasheet HTML 8Page - STMicroelectronics ST93C66 Datasheet HTML 9Page - STMicroelectronics ST93C66 Datasheet HTML 10Page - STMicroelectronics ST93C66 Datasheet HTML 11Page - STMicroelectronics ST93C66 Datasheet HTML 12Page - STMicroelectronics ST93C66 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ORDERING INFORMATION SCHEME
Operating Voltage
66
4.5V to 5.5V
67
3V to 5.5V
Package
B
PSDIP8
0.4 mm Frame
CM
SO8
150mil Width
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
3
(1)
–40 to 125
°C
Option
TR
Tape & Reel
Packing
Example:
ST93C66
CM
3
TR
Note: 1. Temperature range on request only.
Devices are shipped from the factory with the memory content set at all ”1’s” (FFFFh for x16, FFh for x8).
For a list of available options (Operating Voltage, Package, etc...) or for further information on any aspect
of this device, please contact the SGS-THOMSON Sales Office nearest to you.
AI01395
S
An-1
C
D
WRITE
START
D0
”1”
”0”
An
Glitch
An-2
ADDRESS AND DATA
ARE SHIFTED BY ONE BIT
Figure 9. WRITE Sequence with One Clock Glitch
10/13
ST93C66, ST93C67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com