Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISA2191AT2 Datasheet (PDF) - Isahaya Electronics Corporation

ISA2191AT2 Datasheet PDF - Isahaya Electronics Corporation
Part # ISA2191AT2
Download  ISA2191AT2 Download
File Size   143.15 Kbytes
Page   3 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Transistor

ISA2191AT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISA2191AT2 Datasheet PDF - Isahaya Electronics Corporation

Part # ISA2191AT2
Download  ISA2191AT2 Click to download

File Size   143.15 Kbytes
Page   3 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description Transistor

ISA2191AT2 Datasheet (HTML) - Isahaya Electronics Corporation


ISA2191AT2 Product details

DESCRIPTION
ISA2191AT2 is a super mini package resin sealed silicon PNP epitaxial transistor,It is designed for low frequency application.
Since it is a super-thin flat lead type package,a high-density mounting are possible.

FEATURE
● Super-thin flat lead type package. t=0. 5mm
● Excellent linearly of DC forward current gain.
● Low collector to emitter saturation voltage
   VCE(sat)=-0.3V max (@Ic=-100mA/IB=-10mA)

APPLICATION
   For hybrid IC,small type machine low frequency voltage amplify application




Similar Part No. - ISA2191AT2

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISA2166AM1 ISAHAYA-ISA2166AM1 Datasheet
123Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2166AU1 ISAHAYA-ISA2166AU1 Datasheet
158Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2188AM1 ISAHAYA-ISA2188AM1 Datasheet
151Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
ISA2188AU1 ISAHAYA-ISA2188AU1 Datasheet
163Kb / 4P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Similar Description - ISA2191AT2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com