Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95P08 Datasheet (PDF) - STMicroelectronics

ST95P08 Datasheet PDF - STMicroelectronics
Part # ST95P08
Download  ST95P08 Download
File Size   119.71 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Kbit Serial SPI EEPROM with Positive Clock Strobe

ST95P08 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST95P08 Datasheet PDF - STMicroelectronics

Part # ST95P08
Download  ST95P08 Click to download

File Size   119.71 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Kbit Serial SPI EEPROM with Positive Clock Strobe

ST95P08 Datasheet (HTML) - STMicroelectronics


ST95P08 Product details

DESCRIPTION
The ST95P08 is an 8 Kbit Electrically Erasable Programmable Memory (EEPROM) fabricated with STMicroelectronics’s High Endurance Single Polysilicon CMOS technology.

■ 1 MILLION ERASE/WRITE CYCLES
■ 40 YEARS DATA RETENTION
■ SINGLE 3V to 5.5V SUPPLY VOLTAGE
■ SPI BUS COMPATIBLE SERIAL INTERFACE
■ 2 MHz CLOCK RATE MAX
■ BLOCK WRITE PROTECTION
■ STATUS REGISTER
■ 16 BYTE PAGE MODE
■ WRITE PROTECT
■ SELF-TIMED PROGRAMMING CYCLE
■ E.S.D.PROTECTION GREATER than 4000V
■ SUPPORTS POSITIVE CLOCK SPI MODES




Similar Part No. - ST95P08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95P08B1TR STMICROELECTRONICS-ST95P08B1TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08B3TR STMICROELECTRONICS-ST95P08B3TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08B6TR STMICROELECTRONICS-ST95P08B6TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08M1TR STMICROELECTRONICS-ST95P08M1TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P08M3TR STMICROELECTRONICS-ST95P08M3TR Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
More results


Similar Description - ST95P08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
ST95022 STMICROELECTRONICS-ST95022 Datasheet
113Kb / 16P
2 Kbit Serial SPI EEPROM with High Speed Clock
Feb-1999
ST95040 STMICROELECTRONICS-ST95040 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
24-May-2007
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
09-Oct-2009
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95080-WMN6TP STMICROELECTRONICS-M95080-WMN6TP Datasheet
350Kb / 42P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95080-WMN6P STMICROELECTRONICS-M95080-WMN6P Datasheet
781Kb / 4P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Sep-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com