Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95022 Datasheet (PDF) - STMicroelectronics

ST95022 Datasheet PDF - STMicroelectronics
Part # ST95022
Download  ST95022 Download
File Size   113.21 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Kbit Serial SPI EEPROM with High Speed Clock

ST95022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST95022 Datasheet PDF - STMicroelectronics

Part # ST95022
Download  ST95022 Click to download

File Size   113.21 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Kbit Serial SPI EEPROM with High Speed Clock

ST95022 Datasheet (HTML) - STMicroelectronics


ST95022 Product details

DESCRIPTION
The ST95022 is an high speed 2 Kbit Electrically Erasable Programmable Memory (EEPROM) fabricated with STMicroelectronics’s High Endurance Single Polysilicon CMOS technology. The memory is accessed by a simple SPI bus compatible serial interface. The bus signals are a serial clock input (C), a serial data input (D) and a serial data output (Q).

■ HIGH SPEED CLOCK RATE:
   – 2.1 MHz Max
■ 1,000,000 ERASE/WRITE CYCLES
■ 40 YEARS DATA RETENTION
■ SINGLE 4.5V to 5.5V SUPPLY VOLTAGE
■ SPI BUS COMPATIBLE SERIAL INTERFACE
■ BLOCK WRITE PROTECTION
■ STATUS REGISTER
■ 16 BYTE PAGE MODE
■ WRITE PROTECT
■ SELF-TIMED PROGRAMMING CYCLE
■ E.S.D.PROTECTION GREATER than 4000V
■ SUPPORTS POSITIVE CLOCK SPI MODES




Similar Part No. - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95020 STMICROELECTRONICS-ST95020 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020B1TR STMICROELECTRONICS-ST95020B1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020B3TR STMICROELECTRONICS-ST95020B3TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020B6TR STMICROELECTRONICS-ST95020B6TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020M1TR STMICROELECTRONICS-ST95020M1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
More results


Similar Description - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
64-Kbit serial SPI bus EEPROM with high-speed clock
11-Feb-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com