Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95022 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 3 Page - STMicroelectronics

  ST95022 Datasheet HTML 1Page - STMicroelectronics ST95022 Datasheet HTML 2Page - STMicroelectronics ST95022 Datasheet HTML 3Page - STMicroelectronics ST95022 Datasheet HTML 4Page - STMicroelectronics ST95022 Datasheet HTML 5Page - STMicroelectronics ST95022 Datasheet HTML 6Page - STMicroelectronics ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AI01438
C
C
MSB
LSB
CPHA
D or Q
0
1
CPOL
0
1
Figure 3. Data and Clock Timing
AI01439
SPI Interface with
(CPOL, CPHA) =
('0', '0') or ('1', '1')
MICROCONTROLLER
(ST6, ST7, ST9)
ST95xx0
SCK
SDI
SDO
C
Q
D
Figure 4. Microcontroller and SPI Interface Set-up
Hold (HOLD). The HOLD pin is used to pause
serial communications with a ST95022 without re-
setting the serial sequence. To take the Hold con-
dition into account, the product must be selected
(S = 0). Then the Hold state is validated by a high
to low transition on HOLD when C is low. To resume
the communications, HOLD is brought high while
C is low. During the Hold condition D, Q, and C are
at a high impedance state.
When the ST95022 is under the Hold condition, it
is possible to deselect the device. However, the
serial communications will remain paused after a
reselect, and the chip will be reset.
The ST95022 can be driven by a microcontroller
with its SPI peripheral running in either of the two
following modes: (CPOL, CPHA) = (’0’, ’0’) or
(CPOL, CPHA) = (’1’, ’1’).
For these two modes, input data is latched in by the
low to high transition of clock C, and output data is
available from the high to low transition of Clock
(C).
The difference between (CPOL, CPHA) = (0, 0) and
(CPOL, CPHA) = (1, 1) is the stand-by polarity: C
remains at ’0’ for (CPOL, CPHA) = (0, 0) and C
remains at ’1’ for (CPOL, CPHA) = (1, 1) when there
is no data transfer.
3/16
ST95022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com