Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95022 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics ST95022 Datasheet HTML 10Page - STMicroelectronics ST95022 Datasheet HTML 11Page - STMicroelectronics ST95022 Datasheet HTML 12Page - STMicroelectronics ST95022 Datasheet HTML 13Page - STMicroelectronics ST95022 Datasheet HTML 14Page - STMicroelectronics ST95022 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
fC
fC
Clock Frequency
D.C.
2.1
MHz
tSLCH
tCSS
S Active Setup Time (relative to
the rising edge of C)
100
ns
tCHSL
S Not Active Hold Time (relative
to the rising edge of C)
100
ns
tCH
(1)
tCLH
Clock High Time
190
ns
tCL
(1)
tCLL
Clock Low Time
190
ns
tCLCH
tRC
Clock Rise Time
1
µs
tCHCL
tFC
Clock Fall Time
1
µs
tDVCH
tDSU
Data In Setup Time
50
ns
tCHDX
tDH
Data In Hold Time
50
ns
tDLDH
tRI
Data In Rise Time
1
µs
tDHDL
tFI
Data In Fall Time
1
µs
tHHCH
tHSU
HOLD Setup Time
100
ns
tHLCH
Clock Low Hold Time after HOLD
Active
100
ns
tCLHL
tHH
HOLD Hold Time
80
ns
tCLHH
Clock Low Set-up Time before
HOLD Inactive
100
ns
tCHSH
S Active Hold Time (relative to the
rising edge of C)
200
ns
tSHCH
S Not Active Setup Time (relative
to the rising edge of C)
100
ns
tSHSL
tCSH
S Deselect Time
200
ns
tSHQZ
tDIS
Output Disable Time
150
ns
tCLQV
tV
Clock Low to Output Valid
240
ns
tCLQX
tHO
Output Hold Time
0
ns
tQLQH
(2)
tRO
Output Rise Time
100
ns
tQHQL
(2)
tFO
Output Fall Time
100
ns
tHHQX
tLZ
HOLD High to Output Low-Z
100
ns
tHLQZ
tHZ
HOLD Low to Output High-Z
200
ns
tW
tWP
Write Cycle Time
7
ms
Notes: 1. tCH + tCL
≥ 1/fc
2. Value guaranteed by characterization, not 100% tested in production.
Table 8. AC Characteristics
(TA = –40 to 125
°C; VCC = 4.5V to 5.5V)
11/16
ST95022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com