Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95022 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST95022 Datasheet HTML 2Page - STMicroelectronics ST95022 Datasheet HTML 3Page - STMicroelectronics ST95022 Datasheet HTML 4Page - STMicroelectronics ST95022 Datasheet HTML 5Page - STMicroelectronics ST95022 Datasheet HTML 6Page - STMicroelectronics ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics ST95022 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Read Operation
The chip is first selected by putting S low. The serial
one byte read instruction is followed by a one byte
address (A7-A0), each bit being latched-in during
the rising edge of the clock (C). Then the data
stored in the memory at the selected address is
shifted out on the Q output pin; each bit being
shifted out during the falling edge of the clock (C).
The data stored in the memory at the next address
can be read in sequence by continuing to provide
clock pulses. The byte address is automatically
incremented to the next higher address after each
byte of data is shifted out. When the highest ad-
dress is reached, the address counter rolls over to
0h allowing the read cycle to be continued indefi-
nitely. The read operation is terminated by dese-
lecting the chip. The chip can be deselected at any
time during data output. Any read attempt during a
write cycle will be rejected and will deselect the
chip.
Byte Write Operation
Prior to any write attempt, the write enable latch
must be set by issuing the WREN instruction. First
the device is selected (S = low) and a serial WREN
instruction byte is issued. Then the product is de-
selected by taking S high. After the WREN instruc-
tion byte is sent, the ST95022 will set the write
enable latch and then remain in standby until it is
deselected. Then the write state is entered by
selecting the chip, issuing two bytes of instruction
and address, and one byte of data.
Chip Select (S) must remain low for the entire
duration of the operation. The product must be
deselected just after the eighth bit of data has been
latched in. If not, the write process is cancelled. As
soon as the product is deselected, the self-timed
write cycle is initiated. While the write is in progress,
the status register may be read to check BP1, BP0,
WEL and WIP. WIP is high during the self-timed
write cycle. When the cycle is completed, the write
enable latch is reset.
C
D
AI01558
S
Q
A7
2
1
3456789 10 11 12 13 14 15 16 17 18 19
A6 A5 A4 A3 A2 A1 A0
20 21 22 23
7
65432
0
1
HIGH IMPEDANCE
DATA OUT
INSTRUCTION
BYTE ADDRESS
0
Figure 6. Read Operation Sequence
6/16
ST95022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com