Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95022 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST95022 Datasheet HTML 5Page - STMicroelectronics ST95022 Datasheet HTML 6Page - STMicroelectronics ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics ST95022 Datasheet HTML 10Page - STMicroelectronics ST95022 Datasheet HTML 11Page - STMicroelectronics ST95022 Datasheet HTML 12Page - STMicroelectronics ST95022 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Page Write Operation
A maximum of 16 bytes of data may be written
during one non-volatile write cycle. All 16 bytes
must reside on the same page. The page write
mode is the same as the byte write mode except
that instead of deselecting the device after the first
byte of data, up to 15 additional bytes can be shifted
in prior to deselecting the chip. A page address
begins with address xxxx 0000 and ends with xxxx
1111. If the address counter reaches xxxx 1111 and
the clock continues, the counter will roll over to the
first address of the page (xxxx 0000) and overwrite
any previously written data. The programming cy-
cle will only start if the S transition occurs just after
the eighth bit of data of a word is received.
POWER ON STATE
After a Power up the ST95022 is in the following
state:
– The device is in the low power standby state.
– The chip is deselected.
– The chip is not in hold condition.
– The write enable latch is reset.
– BP1 and BP0 are unchanged (non-volatile
bits).
DATA PROTECTION AND PROTOCOL SAFETY
– All inputs are protected against noise, see Ta-
ble 5.
– Non valid S and HOLD transitions are not
taken into account.
– S must come high at the proper clock count in
order to start a non-volatile write cycle (in the
memory array or in the cycle status register),
that is the Chip Select S must rise during the
clock pulse following the introduction of a multi-
ple of 8 bits.
– Access to the memory array during non-vola-
tile programming cycle is ignored; however,
the programming cycle continues.
– After any of the operations WREN, WRDI,
RDSR is completed, the chip enters a wait
state and waits for a deselect.
– The write enable latch is reset upon power-up.
– The write enable latch is reset when W is
brought low.
INITIAL DELIVERY STATE
The device is delivered with the memory array in a
fully erased state (all data set at all "1’s" or FFh).
The block protect bits are initialized to 00.
C
D
AI01445
S
Q
2
1
3456789 10 11 12 13 14 15
HIGH IMPEDANCE
INSTRUCTION
STATUS REG.
0
Figure 11. WRSR: Write Status Register Sequence
9/16
ST95022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com