Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95022 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST95022
Description  2 Kbit Serial SPI EEPROM with High Speed Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95022 Datasheet(HTML) 1 Page - STMicroelectronics

  ST95022 Datasheet HTML 1Page - STMicroelectronics ST95022 Datasheet HTML 2Page - STMicroelectronics ST95022 Datasheet HTML 3Page - STMicroelectronics ST95022 Datasheet HTML 4Page - STMicroelectronics ST95022 Datasheet HTML 5Page - STMicroelectronics ST95022 Datasheet HTML 6Page - STMicroelectronics ST95022 Datasheet HTML 7Page - STMicroelectronics ST95022 Datasheet HTML 8Page - STMicroelectronics ST95022 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ST95022
2 Kbit Serial SPI EEPROM with High Speed Clock
February 1999
1/16
HIGH SPEED CLOCK RATE:
– 2.1 MHz Max
1,000,000 ERASE/WRITE CYCLES
40 YEARS DATA RETENTION
SINGLE 4.5V to 5.5V SUPPLY VOLTAGE
SPI BUS COMPATIBLE SERIAL INTERFACE
BLOCK WRITE PROTECTION
STATUS REGISTER
16 BYTE PAGE MODE
WRITE PROTECT
SELF-TIMED PROGRAMMING CYCLE
E.S.D.PROTECTION GREATER than 4000V
SUPPORTS POSITIVE CLOCK SPI MODES
DESCRIPTION
The ST95022 is an high speed 2 Kbit Electrically
Erasable Programmable Memory (EEPROM) fab-
ricated with STMicroelectronics’s High Endurance
Single Polysilicon CMOS technology. The memory
is accessed by a simple SPI bus compatible serial
interface. The bus signals are a serial clock input
(C), a serial data input (D) and a serial data output
(Q).
AI01722
S
VCC
ST95022
HOLD
VSS
W
Q
C
D
Figure 1. Logic Diagram
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width


Similar Part No. - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST95020 STMICROELECTRONICS-ST95020 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020B1TR STMICROELECTRONICS-ST95020B1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020B3TR STMICROELECTRONICS-ST95020B3TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020B6TR STMICROELECTRONICS-ST95020B6TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95020M1TR STMICROELECTRONICS-ST95020M1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
More results

Similar Description - ST95022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95040 STMICROELECTRONICS-M95040_06 Datasheet
335Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
06-Nov-2006
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95040 STMICROELECTRONICS-M95040_08 Datasheet
373Kb / 42P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
20-Mar-2008
M95040 STMICROELECTRONICS-M95040_09 Datasheet
376Kb / 43P
4 Kbit, 2 Kbit and 1 Kbit serial SPI bus EEPROM with high-speed clock
24-Sep-2009
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
64-Kbit serial SPI bus EEPROM with high-speed clock
11-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com