Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C8125H Datasheet (PDF) - Mosel Vitelic, Corp

V53C8125H Datasheet PDF - Mosel Vitelic, Corp
Part # V53C8125H
Download  V53C8125H Download
File Size   1527.53 Kbytes
Page   17 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM

V53C8125H Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C8125H Datasheet PDF - Mosel Vitelic, Corp

Part # V53C8125H
Download  V53C8125H Click to download

File Size   1527.53 Kbytes
Page   17 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM

V53C8125H Datasheet (HTML) - Mosel Vitelic, Corp


V53C8125H Product details

Description

The V53C8125H is a high speed 131,072 x 8 bit CMOS dynamic random access memory. The V53C8125H offers a combination of features: Fast Page Mode for high data bandwidth, fast usable speed, CMOS standby current.

All inputs and outputs are TTL compatible. Input and output capacitances are significantly lowered to allow increased system performance. Fast Page Mode operation allows random access of up to 512 columns (x9) bits within a row with cycle times as short as 19 ns. Because of static circuitry, the CAS clock is not in the critical timing path. The flow through column address latches allow address pipelining while relaxing many critical system timing requirements for fast usable speed. These features make the V53C8125H ideally suited for graphics, digital signal processing and high performance peripherals.



Features

■ 128K x 8-bit organization

■ RAS access time: 30, 35, 40, 45, 50 ns

■ Fast Page Mode supports sustained data rates up to 53 MHz

■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh capability

■ Refresh Interval: 256 cycles/8 ms

■ Available in 26/24 pin 300 mil SOJ and 28 pin

■ TSOP-I packages



 




Similar Part No. - V53C8125H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8126 MOSEL-V53C8126 Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H35 MOSEL-V53C8126H35 Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H40 MOSEL-V53C8126H40 Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H45 MOSEL-V53C8126H45 Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C8125H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C8129H MOSEL-V53C8129H Datasheet
201Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM
V53C8256H MOSEL-V53C8256H Datasheet
217Kb / 18P
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com