Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C8129H Datasheet (PDF) - Mosel Vitelic, Corp

V53C8129H Datasheet PDF - Mosel Vitelic, Corp
Part # V53C8129H
Download  V53C8129H Download
File Size   201.13 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM

V53C8129H Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C8129H Datasheet PDF - Mosel Vitelic, Corp

Part # V53C8129H
Download  V53C8129H Click to download

File Size   201.13 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description ULTRA-HIGH PERFORMANCE, 128K X 8EDO PAGE MODE CMOS DYNAMIC RAM

V53C8129H Datasheet (HTML) - Mosel Vitelic, Corp


V53C8129H Product details

Description
The V53C8129H is a high speed 131,072 x 8 bit CMOS dynamic random access memory. The V53C8129H offers a combination of features: EDO Page Mode for high data bandwidth, fast usable speed, CMOS standby current.
All inputs and outputs are TTL compatible. Input and output capacitances are significantly lowered to allow increased system performance. Page Mode with extended data out operation allows random access of up to 256 columns (x8) bits within a row with cycle times as short as 14 ns. Because of static circuitry, the CAS clock is not in the critical timing path. The flow-through column address latches allow address pipelining while relaxing many critical system timing requirements for fast usable speed. These features make the V53C8129H ideally suited for graphics, digital signal processing and high performance peripherals.

Features
■ 128K x 8-bit organization
■ RAS access time: 35, 40, 45, 50 ns
■ EDO Page Mode supports sustained I/O data rates up to 71.5 MHz
■ Low power dissipation
   • V53C8129H-50
      — Operating Current: 135 mA max
      — TTL Standby Current: 2.0 mA max
■ Low CMOS Standby Current: 1.0 mA max
■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh capability
■ Refresh Interval: 512 cycles/8 ms
■ Available in 26/24 pin 300 mil SOJ package




Similar Part No. - V53C8129H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H30 MOSEL-V53C8125H30 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H35 MOSEL-V53C8125H35 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H40 MOSEL-V53C8125H40 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H45 MOSEL-V53C8125H45 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C8129H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16125H MOSEL-V53C16125H Datasheet
139Kb / 18P
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16126H MOSEL-V53C16126H Datasheet
136Kb / 18P
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C16129H MOSEL-V53C16129H Datasheet
223Kb / 20P
HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C806H MOSEL-V53C806H Datasheet
135Kb / 18P
HIGH PERFORMANCE 1M x 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C8128H MOSEL-V53C8128H Datasheet
222Kb / 20P
ULTRA-HIGH PERFORMANCE, 128K X 8 BIT EDO PAGE MODE CMOS DYNAMIC RAM
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C104H MOSEL-V53C104H Datasheet
926Kb / 16P
ULTRA-HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com