Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C818H Datasheet (PDF) - Mosel Vitelic, Corp

V53C818H Datasheet PDF - Mosel Vitelic, Corp
Part # V53C818H
Download  V53C818H Download
File Size   231.95 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM

V53C818H Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C818H Datasheet PDF - Mosel Vitelic, Corp

Part # V53C818H
Download  V53C818H Click to download

File Size   231.95 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM

V53C818H Datasheet (HTML) - Mosel Vitelic, Corp


V53C818H Product details

Description

The V53C818H is a 524,288 x 16 bit high performance CMOS dynamic random access memory. The V53C818H offers Page mode operation with Extended Data Output. An address, CAS and RAS input capacitances are reduced to one half when the 256K x 16 DRAM is used to construct the same memory density. The V53C818H has asymmetric address, 10-bit row and 9-bit column.

All inputs are TTL compatible. EDO Page Mode operation allows random access up to 512 x 16 bits, within a page, with cycle times as short as 15ns. The V53C818H is ideally suited for graphics, digital signal processing and high performance peripherals.



Features

■ 512K x 16-bit organization

■ EDO Page Mode for a sustained data rate of 83 MHz

■ RAS access time: 30, 35, 40, 45, 50 ns

■ Dual CAS Inputs

■ Pin-to-Pin compatible with 256K x 16

■ Low power dissipation

■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh

■ Refresh Interval: 512 cycles/8 ms

■ Available in 40-pin 400 mil SOJ and 40/44L-pin 400 mil TSOP-II packages

■ Single +5V ±10% Power Supply

■ TTL Interface



 




Similar Part No. - V53C818H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H30 MOSEL-V53C8125H30 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H35 MOSEL-V53C8125H35 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H40 MOSEL-V53C8125H40 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H45 MOSEL-V53C8125H45 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C818H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com