Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C816H Datasheet (PDF) - Mosel Vitelic, Corp

V53C816H Datasheet PDF - Mosel Vitelic, Corp
Part # V53C816H
Download  V53C816H Download
File Size   213.11 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM

V53C816H Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C816H Datasheet PDF - Mosel Vitelic, Corp

Part # V53C816H
Download  V53C816H Click to download

File Size   213.11 Kbytes
Page   18 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM

V53C816H Datasheet (HTML) - Mosel Vitelic, Corp


V53C816H Product details

Description

The V53C816H is a 524,288 x 16 bit high-performance CMOS dynamic random access memory. The V53C816H offers Fast Page mode with dual CAS inputs. An address, CAS and RAS input capacitances are reduced to one half when the 256Kx16 DRAM is used to construct the same memory density. The V53C816H has asymmetric address, 10-bit row and 9-bit column.

All inputs are TTL compatible. Fast Page Mode operation allows random access up to 512K x 16 bits, within a page, with cycle times as short as 23ns.

The V53C816H is best suited for graphics, and buffer memory applications.



Features

■ 512K x 16-bit organization

■ RAS access time: 40, 45, 50, 60 ns

■ Fast Page Mode for a sustained data rate of 43 MHz

■ Dual CAS Inputs

■ Pin-to-Pin compatible with 256Kx16

■ Low power dissipation

■ Read-Modify-Write, RAS-Only Refresh, CAS-Before-RAS Refresh

■ Refresh Interval: 512 cycles/8 ms

■ Available in 40-pin 400 mil SOJ

■ Single +5V Power Supply

■ TTL Interface



 




Similar Part No. - V53C816H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H30 MOSEL-V53C8125H30 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H35 MOSEL-V53C8125H35 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H40 MOSEL-V53C8125H40 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
V53C8125H45 MOSEL-V53C8125H45 Datasheet
1Mb / 17P
ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
More results


Similar Description - V53C816H

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
64K x 16 DYNAMIC RAM FAST PAGE MODE
T224160B TMT-T224160B Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
1024K x 16 DYNAMIC RAM FAST PAGE MODE???
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com