Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T224160B Datasheet (PDF) - Taiwan Memory Technology

T224160B Datasheet PDF - Taiwan Memory Technology
Part # T224160B
Download  T224160B Download
File Size   131.65 Kbytes
Page   9 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 256K x 16 DYNAMIC RAM FAST PAGE MODE?

T224160B Datasheet (PDF)

Go To PDF Page Download Datasheet
T224160B Datasheet PDF - Taiwan Memory Technology

Part # T224160B
Download  T224160B Click to download

File Size   131.65 Kbytes
Page   9 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 256K x 16 DYNAMIC RAM FAST PAGE MODE?

T224160B Datasheet (HTML) - Taiwan Memory Technology


T224160B Product details

GENERAL DESCRIPTION
The T224160B is a randomly accessed solid state memory containing 4,194,304 bits organized in a x16 configuration. The T224160B has both BYTE WRITE and WORD WRITE access cycles via two CAS pins. It offers Fast Page mode operation

FEATURES
• Industry-standard x 16 pinouts and timing functions.
• Single 5V (±10%) power supply.
• All device pins are TTL- compatible.
• 512-cycle refresh in 8ms.
• Refresh modes: RAS only, CAS BEFORE RAS (CBR) and HIDDEN.
• Conventional FAST PAGE MODE access cycle.
• BYTE WRITE and BYTE READ access cycles.




Similar Part No. - T224160B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
T224162B-22 TMT-T224162B-22 Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
T224162B-25 TMT-T224162B-25 Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
T224162B-28 TMT-T224162B-28 Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
T224162B-35 TMT-T224162B-35 Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Similar Description - T224160B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
64K x 16 DYNAMIC RAM FAST PAGE MODE
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
1024K x 16 DYNAMIC RAM FAST PAGE MODE???
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com