Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A418316 Datasheet (PDF) - AMIC Technology

A418316 Datasheet PDF - AMIC Technology
Part # A418316
Download  A418316 Download
File Size   264.85 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE

A418316 Datasheet (PDF)

Go To PDF Page Download Datasheet
A418316 Datasheet PDF - AMIC Technology

Part # A418316
Download  A418316 Click to download

File Size   264.85 Kbytes
Page   25 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE

A418316 Datasheet (HTML) - AMIC Technology


A418316 Product details

General Description
The A418316 is a new generation randomly accessed memory for graphics, organized in a 262,144-word by 16- bit configuration. This product can execute Byte Write and Byte Read operation via two CAS pins.
The A418316 offers an accelerated Fast Page Mode
This allow random access of up to 512 words within a row at a 66/52 MHz FAST cycle, making the A418316 ideally suited for graphics, digital signal processing and high performance computing systems.

Features
■ Organization: 262,144 words X 16 bits
■ Part Identification
    - A418316 (512 Ref.)
■ Single 5.0V power supply/built-in VBB generator
■ Low power consumption
    - Operating: 110mA (-25 max)
    - Standby: 2.5mA (TTL), 1.0mA (CMOS)
                     1.0mA (Self-refresh current)
■ High speed
    - 25/35 ns RAS access time
    - 12/17 ns column address access time
    - 8/10 ns CAS access time
    - 15/19 ns FAST Page Mode Cycle Time
■ Industrial operating temperature range: -40°C to 85°C for -U
■ Separate CAS (UCAS ,LCAS ) for byte selection
■ 512 Refresh Cycle in 8ms
■ Read-modify-write, RAS -only, CAS -before- RAS , Hidden refresh capability
■ TTL-compatible, three-state I/O
■ JEDEC standard packages
    - 400mil, 40-pin SOJ
    - 400mil, 40/44 TSOP type II package




Similar Part No. - A418316

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A418303 UNITEDAUTOMATION-A418303 Datasheet
223Kb / 6P
Power Factor Switch
20/02/15
A418304 UNITEDAUTOMATION-A418304 Datasheet
223Kb / 6P
Power Factor Switch
20/02/15
A418307 UNITEDAUTOMATION-A418307 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
A418308 UNITEDAUTOMATION-A418308 Datasheet
672Kb / 4P
Up to 30A per channel, 230V Up to 80A total, 415V
1 July 2025
More results


Similar Description - A418316

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Samsung semiconductor
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com