Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA530 Datasheet (PDF) - STMicroelectronics

STA530 Datasheet PDF - STMicroelectronics
Part # STA530
Download  STA530 Download
File Size   278.2 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 X 50W STEREO BASH POWER AMPLIFIER

STA530 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA530 Datasheet PDF - STMicroelectronics

Part # STA530
Download  STA530 Click to download

File Size   278.2 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 X 50W STEREO BASH POWER AMPLIFIER

STA530 Datasheet (HTML) - STMicroelectronics


STA530 Product details

Description
The STA530 is a BASH® power amplifier where BASH® means “High Efficiency”. FLEXIWATT27 4 X 50W STEREO POWER AMPLIFIER BLOCK DIAGRAM OUTPUT BRIDGE TURN-ON/OFF SEQUENCE

Features
■ MONOCHIP BRIDGE QUAD CONFIGURABLE AMPLIFIER OPTIMIZED FOR BASH® ARCHITECTURE
■ 4 X 50W OUTPUT POWER @ RL = 8 Ω, THD = 10% or (2 x 50W @ 8 Ω + 1 x 100W @ 4Ω) or (2 x 100W @ 4 Ω)
■ PRECISION RECTIFIERS TO DRIVE THE BUCK REGULATOR
■ ON-OFF SEQUENCE/ TIMER WITH MUTE AND STANDBY
■ PROPORTIONAL OVER POWER OUTPUT CURRENT TO LIMIT THE BUCK REGULATOR
■ ABSOLUTE POWER BRIDGE OUTPUT TRANSISTOR POWER PROTECTION
■ ABSOLUTE OUTPUT CURRENT LIMIT
■ INTEGRATED THERMAL PROTECTION
■ POWER SUPPLY OVER VOLTAGE PROTECTION
■ FLEXIWATT POWER PACKAGE WITH 27 PIN
■ BASH® LICENCE REQUIRED




Similar Part No. - STA530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA533WF STMICROELECTRONICS-STA533WF Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
STA533WF13TR STMICROELECTRONICS-STA533WF13TR Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
18-volt, 3-amp, quad power half-bridge
22-Jun-2011
STA538 STMICROELECTRONICS-STA538 Datasheet
510Kb / 59P
2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
25-Jan-2007
STA538B STMICROELECTRONICS-STA538B Datasheet
510Kb / 59P
2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
25-Jan-2007
More results


Similar Description - STA530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
STA5150 STMICROELECTRONICS-STA5150 Datasheet
146Kb / 14P
200W MONO BASH POWER AMPLIFIER
Jul-2003
STA550 STMICROELECTRONICS-STA550 Datasheet
201Kb / 16P
70&0W STEREO BASH POWER AMPLIFIER
Jul-2003
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
100100W STEREO BASH POWER AMPLIFIER
Jul-2003
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
logo
Tripath Technology Inc.
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TP2050 TRIPATH-TP2050 Datasheet
298Kb / 13P
STEREO 50W (8廓) POWER STAGE
logo
STMicroelectronics
TDA7563B STMICROELECTRONICS-TDA7563B Datasheet
508Kb / 33P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
19-Dec-2007
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com