Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet (PDF) - STMicroelectronics

STA550 Datasheet PDF - STMicroelectronics
Part # STA550
Download  STA550 Download
File Size   201.26 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 70&0W STEREO BASH POWER AMPLIFIER

STA550 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA550 Datasheet PDF - STMicroelectronics

Part # STA550
Download  STA550 Click to download

File Size   201.26 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 70&0W STEREO BASH POWER AMPLIFIER

STA550 Datasheet (HTML) - STMicroelectronics


STA550 Product details

DESCRIPTION
The STA550 is a fully integrated power module designed to implement a BASH® amplifier when used in conjunction with STABP01 digital processor.
   
■ MONOCHIP BRIDGE STEREO AMPLIFIER
    FOR BASH® ARCHITECTURE
■ 55+55W OUTPUT POWER @ RL = 4/8 Ω,
    THD = 0.5%
■ 70+70W OUTPUT POWER @ RL = 4/8 Ω,
    THD = 10%
■ HIGH DYNAMIC PREAMPLIFIER INPUT
    STAGES
■ EXTERNAL PROGRAMMABLE FEEDBACK
    TYPE COMPRESSORS
■ AC COUPLED INPUT TO CLASS AB BRIDGE
    OUTPUT AMPLIFIER
■ PRECISION RECTIFIERS TO DRIVE THE
    DIGITAL CONVERTER
■ ON-OFF SEQUENCE/ TIMER WITH MUTE
    AND STANDBY
■ PROPORTIONAL OVER POWER OUTPUT
    CURRENT TO LIMIT THE DIGITAL
    CONVERTER
■ ABSOLUTE POWER BRIDGE OUTPUT
    TRANSISTOR POWER PROTECTION
■ INTEGRATED THERMAL PROTECTION
■ POWER SUPPLY OVER VOLTAGE
    PROTECTION
■ FLEXIWATT POWER PACKAGE WITH 27 PIN
■ BASH® LICENCE REQUIRED
   




Similar Part No. - STA550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
Selectable 32- to 192-kHz input sample rates
13-Feb-2014
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BW13TR STMICROELECTRONICS-STA559BW13TR Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BWQS13TR STMICROELECTRONICS-STA559BWQS13TR Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
More results


Similar Description - STA550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
STA5150 STMICROELECTRONICS-STA5150 Datasheet
146Kb / 14P
200W MONO BASH POWER AMPLIFIER
Jul-2003
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
4 X 50W STEREO BASH POWER AMPLIFIER
Jul-2003
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
100100W STEREO BASH POWER AMPLIFIER
Jul-2003
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
logo
List of Unclassifed Man...
STK2129 ETC-STK2129 Datasheet
159Kb / 4P
STEREO POWER AMPLIFIER
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
logo
Wuxi Youda electronics ...
YD1517P YOUDA-YD1517P Datasheet
84Kb / 5P
STEREO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2036 ANPEC-APA2036 Datasheet
525Kb / 26P
Stereo 2.6WAudio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8403 HMSEMI-HM8403 Datasheet
418Kb / 5P
stereo power amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com