Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA559BW Datasheet (PDF) - STMicroelectronics

STA559BW Datasheet PDF - STMicroelectronics
Part # STA559BW
Download  STA559BW Download
File Size   1216.27 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Selectable 32- to 192-kHz input sample rates

STA559BW Datasheet (PDF)

Go To PDF Page Download Datasheet
STA559BW Datasheet PDF - STMicroelectronics

Part # STA559BW
Download  STA559BW Click to download

File Size   1216.27 Kbytes
Page   67 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Selectable 32- to 192-kHz input sample rates

STA559BW Datasheet (HTML) - STMicroelectronics


STA559BW Product details

Description
The STA559BW is an integrated solution of digital audio processing, digital amplifier controls and power output stage to create a high-power single-chip FFX digital amplifier with high-quality and high-efficiency. Three channels of FFX processing are provided. The FFX processor implements the ternary, binary and binary differential processing capabilities of the full FFX processor.
The STA559BW is part of the Sound Terminal® family that provides full digital audio streaming to the speakers and offers cost effectiveness, low power dissipation and sound enrichment.
The power section consists of four independent half-bridges. These can be configured via digital control to operate in different modes.
For example, 2.1 channels can be provided by two half bridges and a single full bridge, supplying up to 2 x 1.4 W + 1 x 6 W of output power or two channels can be provided by two full-bridges, supplying up to 2 x 3 W of output power.
The IC can also be configured as 2.1 channels with 2 x 20 W supplied by the device plus a drive for an external FFX power amplifier, such as STA533WF or STA515W.
Also provided in the STA559BW are a full assortment of digital processing features. This includes up to four programmable biquads (EQ) per channel. Available presets enable a time-to-market advantage by substantially reducing the amount of software development needed for functions such as audio preset volume loudness, preset volume curves and preset EQ settings. There are also new advanced AM radio interference reduction modes.

Features
● Wide-range supply voltage, 4.5 V to 16 V
● Three power output configurations:
   – 2 channels of ternary PWM (2 x 3 W into 4 Ω at 5 V) + PWM output
   – 2 channels of ternary PWM (2 x 3 W into 4 Ω at 5 V) + ternary stereo line-out
   – 2.1 channels of binary PWM (left, right, LFE) (2 x 0.7 W + 1 x 3 W into 4 Ω at 5 V) (2 x 1.4 W + 1 x 6 W into 2 Ω at 5 V)
● FFX with 100-dB SNR and dynamic range
● Selectable 32- to 192-kHz input sample rates
● I²C control with selectable device address
● Digital gain/attenuation +48 dB to -80 dB with 0.5-dB/step resolution
● Soft volume update
● Individual channel and master gain/attenuation
● Two independent limiters/compressors
● Dynamic range compression or anti-clipping modes
● Audio presets:
   – 15 preset crossover filters
   – 5 preset anti-clipping modes
   – Preset night-time listening mode
● Individual channel soft/hard mute
● Independent channel volume and DSP bypass
● 2-channel I²S input data interface
● Input and output channel mapping
● Automatic invalid-input detect Mute
● Automatic zero-detect mute
● Up to 4 user-programmable biquads/channel
● Three coefficients banks for EQ presets storing with fast recall via I²C interface
● Bass/treble tones and de-emphasis control
● Selectable high-pass filter for DC blocking
● Advanced AM interference frequency switching and noise suppression modes
● Selectable high- or low-bandwidth noise-shaping topologies
● Selectable clock input ratio
● Thermal overload and short-circuit protection embedded
● Video apps: 576 x fS input mode supported




Similar Part No. - STA559BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BW13TR STMICROELECTRONICS-STA559BW13TR Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BWQS13TR STMICROELECTRONICS-STA559BWQS13TR Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BW STMICROELECTRONICS-STA559BW_V01 Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
More results


Similar Description - STA559BW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895 Datasheet
1Mb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
9/02-Data Sheet changed from REV. A to REV. B.
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com