Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 3 Page - STMicroelectronics

  STA550 Datasheet HTML 1Page - STMicroelectronics STA550 Datasheet HTML 2Page - STMicroelectronics STA550 Datasheet HTML 3Page - STMicroelectronics STA550 Datasheet HTML 4Page - STMicroelectronics STA550 Datasheet HTML 5Page - STMicroelectronics STA550 Datasheet HTML 6Page - STMicroelectronics STA550 Datasheet HTML 7Page - STMicroelectronics STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
STA550
Figure 1. Connection Diagram between STA550 and STAbp01
ABSOLUTE
VALUE
BLOCK
OUTPUT BRIDGE
PEAK/2
DETECTOR
VOLTAGE
PROTECTION
SOA
DETECTOR
TURN-
ON/OFF
SEQUENCE
THERMAL
PROTECTION
PEAK/2
DETECTOR
COMPRESSOR
COMPRESSOR
∆G
+2
-1
∆G
+
-
V/l
V/l
S1
Ict
Ict
ABSOLUTE
VALUE
BLOCK
+
-
S1
OUTPUT BRIDGE
CD-2
CD+2
STBY/MUTE
PROT.
PROTECTION
CD+
CD-1
OUT1-
OUT1+
CD+1
IN_PRE1
ATT_REL1
TRK_OUT
THRESH
ATT_REL2
IN_PRE2
PWR_INP1
TRK_1
OUT_ PRE1
-VS
GND
+VS
PWR_INP2
D02AU1391
TRK_2
OUT_ PRE2
OUT2-
OUT2+
+2
-1
+
-
+
+
-
-
R
1V
1V
10V
1V
CD+
GATE
10pF
2200pF
680pF
2.67K
10K
4.99K
2K
499K
680pF
OTHER
STA575
TRK-OUT
100K
1K
OUTPUT
GROUND1
SOFT SW RESET
S
1V
10V
2R
R
1V
COMP/3
1V
1V
BUFFER
R17
CURRENT SENSE
COMPARATOR
ONE SHOT
SIGNAL
OPEN DRAIN
OUTPUT
DISCHARGE
(RESET)
TRANSISTOR
FAST ATTACK
CONTROL
ERROR
AMP
COMP
CURRENT_SENSE
VFB
V+
POWER SUPPLY1
CLOCK
250Hz
1V
Q
Q
S
Q
R
Q
RESET
CLK
Q
D
Q
RESET
CLK
D
Q
Q
R
S
Q
Q
INTERNAL
CIRCUIT
ON
UVLO: 7V = on
5V = off
SOFT SWITCH
PWM LATCH
VREF
BUFFER OUT
REC_OUT
BUFFER IN
FA IN
1V
10V
DEAD TIME
10V
100pF
GND-AUDIO
GND
OUTPUT
GROUND2
ONE
SHOT
DELAY
POWER_VS2
ONE SHOT
DUTY ACCEL
+10V
EMI BARRIER
OPTIONAL
EMI BARRIER
OPTIONAL
ISENSE
CD+
CD-
6.82K
490
1K
ISENSE
RSENSE
RSENSE
2K
490
PROTECTION
GATE
+25V
1V
1V
R
+10V
+25V
OTHER
STA575
PROTECTION
1000pF
2.55K
2.43K
15K
95K
STABP01
STA575
10
4
3
19
20
8
3
16
25
20
19
18
21
26
23
24
22
11
12
15
2
4
5
6
13
7
10
9
27
14
17
1
18
15
9
8
7
6
11
12
13
14
16
17
2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com