Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics STA550 Datasheet HTML 10Page - STMicroelectronics STA550 Datasheet HTML 11Page - STMicroelectronics STA550 Datasheet HTML 12Page - STMicroelectronics STA550 Datasheet HTML 13Page - STMicroelectronics STA550 Datasheet HTML 14Page - STMicroelectronics STA550 Datasheet HTML 15Page - STMicroelectronics STA550 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
STA550
EXTERNAL COMPONENTS
Note: Vcontrol is the voltage at Att_Rel pin.
Name
Function
Value
Formula
Ri
R1 = R2
Input resistor
10K
(|G| = 5, Rr = 50K
Ω)
Rr
R3 = R4
Feedback resistor
50K
(|G| = 5, Ri = 10K
Cac
C1 = C2
AC Decoupling capacitor
100nF
(fp = 16Hz,
Rac =100K
Ω )
Cct
C3 = C4
Capacitor for the attack time
2.2
µF
(Tattack = 13mSec,
Vcontrol = 9V,
Ict = 1.5mA)
R5 = R6
Release constant time Resistor
470K
(t = 1 Sec. ,
Cct = 2.2
µF )
R7 = R8
Resistor for tracking input voltage
filter
10K
R9 = R10
Resistor for tracking input voltage
filter
56K
R11 = R12
Resistor for tracking input voltage
filter
10K
C5 = C6
Capacitor for Tracking input
voltage filter
1nF
C7 = C8
Dc decoupling capacitor
1
µF
R13
Bias Resistor for Stby/Mute
function
10K
R14
Stby/Mute constant time resistor
30K
R15
Mute resistor
30K
C9
Capacitor for Stby/Mute resistor
2.2
µF
R16 = R17
Sensing resistor for SOA detector
120m
5% 4W
R18
Conversion resistor for threshold
voltage
100K
C10 = C11
Power supply filter capacitor
100nF
R22 = R24
Centering resistor
400
Ω , 1W
C12 = C13
Tracking rail power supply filter
680nF
R19
Protection
1K
R20
TRK_out
40K
C14 = C15
Power supply filter capacitor
470
µF , 63V
C16 = C17
Feedback capacitor
100pF
D1
Schottky diode
SB360
R
i
Rr
G
-------
=
Rr
G
Rr
=
Cac
1
2
π fp Rac
⋅⋅
---------------------------------
=
Cct
attack
Ict
Vcontrol
-------------------------
=
Rct
τ
Cct
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com