Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics STA550 Datasheet HTML 10Page - STMicroelectronics STA550 Datasheet HTML 11Page - STMicroelectronics STA550 Datasheet HTML 12Page - STMicroelectronics STA550 Datasheet HTML 13Page - STMicroelectronics STA550 Datasheet HTML 14Page - STMicroelectronics STA550 Datasheet HTML 15Page - STMicroelectronics STA550 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
STA550
12/16
Figure 5. Power protection threshold
Figure 6. Protection current behaviour
4
10
20
30
40
Vds (V)
Ids (mA)
6
Pd_reg = 25W
Pd_Max = 48W
Ilim = 6A
Standby
Lim
itati
on
Normal
Operation
2
10
10
20
20
30
40
50
60
Pd(W)
Iprot(mA)
D01AU1306
Iprot slope=0.4mA/W
Figure 7. Test and Application Circuit
INPUT1
IN_PRE1
OUT_PRE1
OUT1+
OUT1-
STBY/
MUTE
TRK_1
PWR_INP1
ATT_REL1
CD+1
CD+
CD+
CD+2
R1
R5
R16
R17
R24
C3
C12
C7
C17
C1
R14
R13
5V
R15
MUTE
STBY
C9
C5
R3
R9
R7
R11
INPUT2
IN_PRE2
OUT_PRE2
TRK_2
PWR_INP2
ATT_REL2
R2
R6
C4
C8
C16
C2
C6
R4
R10
R8
R12
+VS
+VS
-VS
-VS
-VS
GND
R22
R20
C13
D1
C14
C15
C10
C11
CD-1
TRK-OUT
PROT
THRESH
PROT
THRESH
TRK-OUT
CD-2
CD-
R19
R18
OUT2+
OUT2-
D01AU1267
8
910
7
4
5
24
11
23
25
20
19
18
21
3
6
15
22
14
13
27
1
26
2
16
12
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com