Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 1 Page - STMicroelectronics

  STA550 Datasheet HTML 1Page - STMicroelectronics STA550 Datasheet HTML 2Page - STMicroelectronics STA550 Datasheet HTML 3Page - STMicroelectronics STA550 Datasheet HTML 4Page - STMicroelectronics STA550 Datasheet HTML 5Page - STMicroelectronics STA550 Datasheet HTML 6Page - STMicroelectronics STA550 Datasheet HTML 7Page - STMicroelectronics STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
STA550
July 2003
s
MONOCHIP BRIDGE STEREO AMPLIFIER
FOR BASH
® ARCHITECTURE
s
55+55W OUTPUT POWER @ RL = 4/8 Ω,
THD = 0.5%
s
70+70W OUTPUT POWER @ RL = 4/8 Ω,
THD = 10%
s
HIGH DYNAMIC PREAMPLIFIER INPUT
STAGES
s
EXTERNAL PROGRAMMABLE FEEDBACK
TYPE COMPRESSORS
s
AC COUPLED INPUT TO CLASS AB BRIDGE
OUTPUT AMPLIFIER
s
PRECISION RECTIFIERS TO DRIVE THE
DIGITAL CONVERTER
s
ON-OFF SEQUENCE/ TIMER WITH MUTE
AND STANDBY
s
PROPORTIONAL OVER POWER OUTPUT
CURRENT TO LIMIT THE DIGITAL
CONVERTER
s
ABSOLUTE POWER BRIDGE OUTPUT
TRANSISTOR POWER PROTECTION
s
ABSOLUTE OUTPUT CURRENT LIMIT
s
INTEGRATED THERMAL PROTECTION
s
POWER SUPPLY OVER VOLTAGE
PROTECTION
s
FLEXIWATT POWER PACKAGE WITH 27 PIN
s
BASH® LICENCE REQUIRED
DESCRIPTION
The STA550 is a fully integrated power module de-
signed to implement a BASH® amplifier when used
in conjunction with STABP01 digital processor.
FLEXIWATT27
70+70W STEREO
POWER AMPLIFIER
BLOCK DIAGRAM
ABSOLUTE
VALUE
BLOCK
OUTPUT BRIDGE
PEAK/2
DETECTOR
VOLTAGE
PROTECTION
SOA
DETECTOR
TURN-
ON/OFF
SEQUENCE
THERMAL
PROTECTION
PEAK/2
DETECTOR
COMPRESSOR
COMPRESSOR
∆G
+2
-1
∆G
+
-
V/l
V/l
S1
Ict
Ict
ABSOLUTE
VALUE
BLOCK
+
-
S1
OUTPUT BRIDGE
CD-2
CD+2
STBY/MUTE
PROT.
CD+
CD-1
OUT1-
OUT1+
CD+1
IN_PRE1
ATT_REL1
TRK_OUT
THRESH
ATT_REL2
IN_PRE2
PWR_INP1
TRK_1
OUT_ PRE1
-VS
GND
+VS
PWR_INP2
D01AU1263
TRK_2
OUT_ PRE2
OUT2-
OUT2+
+2
-1


Similar Part No. - STA550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
Selectable 32- to 192-kHz input sample rates
13-Feb-2014
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BW13TR STMICROELECTRONICS-STA559BW13TR Datasheet
1Mb / 67P
5 V, 2 A, 2.1 channel high-efficiency digital audio system Sound Terminal
21-Dec-2018
STA559BWQS STMICROELECTRONICS-STA559BWQS Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
STA559BWQS13TR STMICROELECTRONICS-STA559BWQS13TR Datasheet
808Kb / 66P
5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD
28-Mar-2008
More results

Similar Description - STA550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
140W MONO BASH POWER AMPLIFIER
Jul-2003
STA5150 STMICROELECTRONICS-STA5150 Datasheet
146Kb / 14P
200W MONO BASH POWER AMPLIFIER
Jul-2003
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
4 X 50W STEREO BASH POWER AMPLIFIER
Jul-2003
STA575 STMICROELECTRONICS-STA575 Datasheet
278Kb / 20P
100100W STEREO BASH POWER AMPLIFIER
Jul-2003
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
Headphone Stereo Power Amplifier
logo
List of Unclassifed Man...
STK2129 ETC-STK2129 Datasheet
159Kb / 4P
STEREO POWER AMPLIFIER
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
Stereo Headphone Power Amplifier
logo
Wuxi Youda electronics ...
YD1517P YOUDA-YD1517P Datasheet
84Kb / 5P
STEREO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2036 ANPEC-APA2036 Datasheet
525Kb / 26P
Stereo 2.6WAudio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8403 HMSEMI-HM8403 Datasheet
418Kb / 5P
stereo power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com