Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA550 Datasheet HTML 2Page - STMicroelectronics STA550 Datasheet HTML 3Page - STMicroelectronics STA550 Datasheet HTML 4Page - STMicroelectronics STA550 Datasheet HTML 5Page - STMicroelectronics STA550 Datasheet HTML 6Page - STMicroelectronics STA550 Datasheet HTML 7Page - STMicroelectronics STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics STA550 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
STA550
6/16
ELECTRICAL CHARACTERISTCS (Test Condition: Vs+ = 26V, Vs- = -22V, VCD+ = 17V, VCD- = -17V, RL =
8
Ω, external components at the nominal value f = 1KHz, Tamb = 25°C unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PREAMPLIFIER AND COMPRESSOR
Vout clamp Maximum Voltage at Out_pre pin
10
11
12
Vpeak
Iin
Audio input current
0.8
mA
Vcontrol
Voltage at Attack_Release pin
Attenuation = 0dB
Attenuation = 6dB
Attenuation = 26dB
0.35
6
0
0.5
9
0.65
12
V
V
V
VComp_
Th
Input voltage range for the
compression
-5
-1
V
Zth
Input impedance of Threshold pin
100
K
Voffset
Output Offset at Out_pre pin with:
VCRT= 0V; Attenuation = 0dB
VCRT= 0.5V; Attenuation = 6dB
VCRT= 9V; Attenuation = 26dB
-10
-250
-450
10
250
450
mV
mV
mV
THD
Distortion at Out_pre:
VCRT= 0V; Attenuation = 0dB
VCRT= 0.5V; Attenuation = 6dB
VCRT= 9V; Attenuation = 26dB
0.01
5
5
%
%
%
EN
Noise at Out_pre pin :
VCRT= 0V; Attenuation = 0dB
VCRT= 0.5V; Attenuation = 6dB
VCRT= 9V; Attenuation = 26dB
10(2)
50
60
µV
µV
µV
Ict
Attack time current at pin
Attack_release
1.5
mA
1. This value is due to the thermal noise of the external resistors Rr and Ri.
TRACKING PARAMETERS
Gtrk
Tracking reference voltage gain
13
14
15
V
Vtrk_out
Tracking ref. output voltage
0
20
V
Itrk_out
Current capability
5
6
7
mA
Ztrk_in
Input impedance (TRK1/2)1
M
OUTPUT BRIDGE
Gout
Half Output bridge gain
5.5
6
6.5
dB
Gch
Output bridge differential gain
11
12
13
dB
∆Gch
Output bridges gain mismatch
-1
1
dB
Pout
Continuous Output Power
THD = 0.5%
THD = 10%
50
64
55
70
W
W
THD = 10%; RL= 4Ω; VCD+ = 13V;
VCD- = -13V; VS+ = 20V; VS- = -20V
64
70
W
THD
Total harmonic distortion of the
output bridge
Po = 5W
0.01
%
f = 20Hz to 20KHz; Po = 30W
0.1
%
VOff
Output bridge D.C. offset
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com