Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 5 Page - STMicroelectronics

  STA550 Datasheet HTML 1Page - STMicroelectronics STA550 Datasheet HTML 2Page - STMicroelectronics STA550 Datasheet HTML 3Page - STMicroelectronics STA550 Datasheet HTML 4Page - STMicroelectronics STA550 Datasheet HTML 5Page - STMicroelectronics STA550 Datasheet HTML 6Page - STMicroelectronics STA550 Datasheet HTML 7Page - STMicroelectronics STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
STA550
PIN FUNCTION
N°
Name
Description
1
-Vs
Negative Bias Supply
2
CD-1
Channel 1 Time varying tracking rail negative power supply
3
Att_Rel1
Attack release rate for channel 1
4
Out1+
Channel 1 speaker positive output
5
Out1-
Channel 1 speaker negative output
6
CD+1
Channel 1 positive power supply
7
Pwr_Inp1
Input to channel 1 power stage
8
In_pre1
Pre-amp input for channel 1 (virtual ground)
9
Out_pre1
Output channel 1 pre-amp
10
Trk_1
Absolute value block input for channel 1
11
Stby/mute
Standby/mute input voltage control
12
Protection
Protection signal for STABP01 digital processor
13
Gnd
Analog Ground
14
+Vs
Positive Bias Supply
15
CD+
Time varying tracking rail positive power supply
16
Trk_out
Reference output for STABP01 digital processor
17
Threshold
Compressor threshold input
18
Trk_2
Absolute value block input for channel 2
19
Out_pre2
Output channel 2 pre-amp
20
In_pre2
Pre-amp input for channel 2 (virtual ground)
21
Pwr_Inp2
Input to channel 2 power stage
22
CD+2
Channel 2 positive power supply
23
Out2-
Channel 2 speaker negative output
24
Out2+
Channel 2 speaker positive output
25
Att_Rel2
Attack release rate for channel 2
26
CD-2
Channel 2 Time varying tracking rail negative power supply
27
-Vs
Negative Bias Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com