Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA550 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA550
Description  70&0W STEREO BASH POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA550 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA550 Datasheet HTML 8Page - STMicroelectronics STA550 Datasheet HTML 9Page - STMicroelectronics STA550 Datasheet HTML 10Page - STMicroelectronics STA550 Datasheet HTML 11Page - STMicroelectronics STA550 Datasheet HTML 12Page - STMicroelectronics STA550 Datasheet HTML 13Page - STMicroelectronics STA550 Datasheet HTML 14Page - STMicroelectronics STA550 Datasheet HTML 15Page - STMicroelectronics STA550 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
STA550
14/16
APPLICATION HINTS
PREAMPLIFIER AND COMPRESSOR
In the application circuit showed in figure 7, R1/R3 (or R2/R4) ratio fix the gain of the preamplifier.
If the input signal is very low, is possible to increase the gain fixing the product Vin
∗G = cost.
In that case is possible to increase G decreasing R1,2 from 10KΩ until 2KΩ without relevant effetcs on the cir-
cuitbehavior and remaining in the operating range Iin_max = Vin_max/R1(2),<1mA.
So it is possible to increase the preamplifier gain until 25.
If no compression is present (equivalnt compressor Gm=0), the effects are:
– The output voltage offset increase
– The SNR decrease
The following table shows these variations:
R3(4) = 50KΩ and all the other external components are the same
Attenuation = 0 dB
If the compression is active the circuit behaviour is the same.
It”s also possible to eliminate the compressor. In this case the ATT_REL (1,2) pin must be connected to gnd.
STBY-MUTE CIRCUIT
In the suggested application circuit (figure 7), the resistor for Standby/Mute function (R13) is connected between
the Standby/Mute switches and 5V Supply.
It is possible to connect the resistor to another Supply Voltage level VL, but in that case also the resistor value
(R13,14) must be changed according to the following formula (fixing VSTBY/MUTE = 2.5V and R15 = 10KΩ):
HEADROOM
In the suggested application circuit the supply voltage to obtain 75W (Power Output) on 8
Ω (Rload)
is:
It is also possible to increase the system’s efficiency forcing the headroom to follow the output signal (variable
drop insteadof a constant drop).
In that case:
R1,2
VIN MAX
G
VOFFSET
EN
10K
Ω
8V
5
15mV
10
µV
5K
Ω
4V
10
30mV
13
µV
2K
Ω
1.6V
25
75mV
20
µV
R
13
4V
L
10
–
⋅
()KΩ
=
R
14
4V
L
10
+
⋅
()KΩ
=
V
suppl y
∆VI
LM AX
,
R
DS on
⋅
+
=
V
sup ply
∆VI
L V
() R
DS on
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com