Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB22NE03L Datasheet (PDF) - STMicroelectronics

STB22NE03L Datasheet PDF - STMicroelectronics
Part # STB22NE03L
Download  STB22NE03L Download
File Size   49.79 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET

STB22NE03L Datasheet (PDF)

Go To PDF Page Download Datasheet
STB22NE03L Datasheet PDF - STMicroelectronics

Part # STB22NE03L
Download  STB22NE03L Click to download

File Size   49.79 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET

STB22NE03L Datasheet (HTML) - STMicroelectronics


STB22NE03L Product details

DESCRIPTION
This Power MOSFET is the latest development of STMicroelectronics unique ”Single Feature Size™” strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

■ TYPICAL RDS(on) = 0.034 Ω
■ EXCEPTIONAL dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ LOW GATE CHARGE AT 100 °C
■ APPLICATION ORIENTED CHARACTERIZATION
■ ADD SUFFIX ”T4” FOR ORDERING IN TAPE & REEL

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SOLENOID AND RELAY DRIVERS
■ MOTOR CONTROL, AUDIO AMPLIFIERS
■ DC-DC & DC-AC CONVERTERS
■ AUTOMOTIVE ENVIRONMENT




Similar Part No. - STB22NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB22N60M6 STMICROELECTRONICS-STB22N60M6 Datasheet
631Kb / 16P
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET in a D2PAK package
16-Nov-2018
STB22NM50 STMICROELECTRONICS-STB22NM50 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STB22NM50-1 STMICROELECTRONICS-STB22NM50-1 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STB22NM60 STMICROELECTRONICS-STB22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
logo
Inchange Semiconductor ...
STB22NM60 ISC-STB22NM60 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - STB22NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NE06L STMICROELECTRONICS-STB20NE06L Datasheet
84Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET
Jun-1999
STB24NF10 STMICROELECTRONICS-STB24NF10 Datasheet
48Kb / 6P
N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET
Apr-2000
STB80NF03L-04 STMICROELECTRONICS-STB80NF03L-04 Datasheet
57Kb / 7P
N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
Mar-2000
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
logo
Will Semiconductor Ltd.
WPM3028 WILLSEMI-WPM3028 Datasheet
1Mb / 8P
Single P-Channel, -30V, -22A, Power MOSFET
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
Single N-Channel, 30V, 22A, Power MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com