Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB24NF10 Datasheet (PDF) - STMicroelectronics

STB24NF10 Datasheet PDF - STMicroelectronics
Part # STB24NF10
Download  STB24NF10 Download
File Size   48.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET

STB24NF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB24NF10 Datasheet PDF - STMicroelectronics

Part # STB24NF10
Download  STB24NF10 Click to download

File Size   48.94 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET

STB24NF10 Datasheet (HTML) - STMicroelectronics


STB24NF10 Product details

Description
This Power MOSFET series realized with STMicroelectronics unique STripFET™ process has specifically been designed to minimize the on-resistance. It is therefore suitable as primary switch in advanced high-efficiency,high-frequency isolated DC-DC converters for Telecom and Computer application. It is also intended for any applications with low gate drive requirements.

General features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Application oriented characterization

Applications
■ Switching application




Similar Part No. - STB24NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB24NF10 STMICROELECTRONICS-STB24NF10 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
More results


Similar Description - STB24NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NE06L STMICROELECTRONICS-STB20NE06L Datasheet
84Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET
Jun-1999
STB22NE03L STMICROELECTRONICS-STB22NE03L Datasheet
49Kb / 6P
N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET
Apr-1999
STB80NF03L-04 STMICROELECTRONICS-STB80NF03L-04 Datasheet
57Kb / 7P
N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
Mar-2000
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
logo
Will Semiconductor Ltd.
WPM3028 WILLSEMI-WPM3028 Datasheet
1Mb / 8P
Single P-Channel, -30V, -22A, Power MOSFET
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
Single N-Channel, 30V, 22A, Power MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com