Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB24NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB24NF10
Description  N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB24NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STB24NF10 Datasheet HTML 1Page - STMicroelectronics STB24NF10 Datasheet HTML 2Page - STMicroelectronics STB24NF10 Datasheet HTML 3Page - STMicroelectronics STB24NF10 Datasheet HTML 4Page - STMicroelectronics STB24NF10 Datasheet HTML 5Page - STMicroelectronics STB24NF10 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STB24NF10
N - CHANNEL 100V - 0.07
Ω - 24A TO-263
LOW GATE CHARGE STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.07
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
SURFACE-MOUNTING D
2PAK (TO-263)
POWER PACKAGE IN TAPE & REEL
(SUFFIX ”T4”)
DESCRIPTION
This
MOSFET
series
realized
with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable
as
primary
switch
in
advanced
high-efficiency, high-frequency isolated DC-DC
converters
for
Telecom
and
Computer
applications.
It
is
also
intended
for
any
applications with low gate drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
®
INTERNAL SCHEMATIC DIAGRAM
April 2000
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
100
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC24
A
ID
Drain Current (continuous) at Tc = 100
oC15
A
IDM(
•)
Drain Current (pulsed)
96
A
Ptot
T otal Dissipation at Tc =25
oC80
W
Derating Factor
0.53
W /
oC
dv/ dt(1 )
Peak Diode Recovery voltage slope
9
V/ns
EAS (2)
Single Pulse Avalanche Energy
75
mJ
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
( 2) starting Tj =25
oC, I
D =24A , VDD = 50V
(1) ISD
≤ 24 A, di/dt ≤ 300A/µs, V
DD
≤ V
(BR)DSS,Tj
≤ T
JMA
TYPE
VDSS
RDS(on )
ID
STB24NF10
100 V
< 0.077
Ω
24 A
1
3
D
2PAK
TO-263
(Suffix ”T4”)
1/6


Similar Part No. - STB24NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB24NF10 STMICROELECTRONICS-STB24NF10 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
More results

Similar Description - STB24NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NE06L STMICROELECTRONICS-STB20NE06L Datasheet
84Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET
Jun-1999
STB22NE03L STMICROELECTRONICS-STB22NE03L Datasheet
49Kb / 6P
N - CHANNEL 30V - 0.034ohm - 22A TO-263 STripFET] POWER MOSFET
Apr-1999
STB80NF03L-04 STMICROELECTRONICS-STB80NF03L-04 Datasheet
57Kb / 7P
N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET
Mar-2000
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP22NF03L STMICROELECTRONICS-STP22NF03L_07 Datasheet
227Kb / 12P
N-channel 30V - 0.0038Ω - 22A - TO-220 STripFET??II Power MOSFET
03-Sep-2007
STL100NHS3LL STMICROELECTRONICS-STL100NHS3LL Datasheet
235Kb / 9P
N-channel 30V - 0.0032Ω - 22A - PowerFLAT??(6x5) STripFET™Power MOSFET plus monolithic Schottky
03-Sep-2007
logo
Will Semiconductor Ltd.
WPM3028 WILLSEMI-WPM3028 Datasheet
1Mb / 8P
Single P-Channel, -30V, -22A, Power MOSFET
WNM3038 WILLSEMI-WNM3038 Datasheet
2Mb / 8P
Single N-Channel, 30V, 22A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com