Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4NC60 Datasheet (PDF) - STMicroelectronics

STB4NC60 Datasheet PDF - STMicroelectronics
Part # STB4NC60
Download  STB4NC60 Download
File Size   429.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET

STB4NC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB4NC60 Datasheet PDF - STMicroelectronics

Part # STB4NC60
Download  STB4NC60 Click to download

File Size   429.73 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET

STB4NC60 Datasheet (HTML) - STMicroelectronics


STB4NC60 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 1.8Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVERS




Similar Part No. - STB4NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NC60-1 STMICROELECTRONICS-STB4NC60-1 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STB4NC60A-1 STMICROELECTRONICS-STB4NC60A-1 Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
logo
VBsemi Electronics Co.,...
STB4NC60T4 VBSEMI-STB4NC60T4 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - STB4NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
Jun-1998
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
N-CHANNEL 600V - 1Ω - 5.8A D2PAK PowerMesh™ II MOSFET
Oct-2001
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STD3NB30 STMICROELECTRONICS-STD3NB30 Datasheet
85Kb / 8P
N - CHANNEL 300V - 1.8ohm - 3.2A - DPAK PowerMESH MOSFET
Jan-1999
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
Aug-2002
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com