Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5NB80 Datasheet (PDF) - STMicroelectronics

STB5NB80 Datasheet PDF - STMicroelectronics
Part # STB5NB80
Download  STB5NB80 Download
File Size   87.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET

STB5NB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB5NB80 Datasheet PDF - STMicroelectronics

Part # STB5NB80
Download  STB5NB80 Click to download

File Size   87.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET

STB5NB80 Datasheet (HTML) - STMicroelectronics


STB5NB80 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronics has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 1.8 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ ADD SUFFIX ”T4” FOR ORDERING IN TAPE & REEL

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ DC-AC CONVERTERS FOR WELDING
■ EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STB5NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
More results


Similar Description - STB5NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET
Oct-2001
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Sep-1998
STD3NB30 STMICROELECTRONICS-STD3NB30 Datasheet
85Kb / 8P
N - CHANNEL 300V - 1.8ohm - 3.2A - DPAK PowerMESH MOSFET
Jan-1999
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
Aug-2002
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
logo
Unisonic Technologies
5N80_1108 UTC-5N80_1108 Datasheet
178Kb / 5P
5A, 800V N-CHANNEL POWER MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com