Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB10NB20 Datasheet (PDF) - STMicroelectronics

STB10NB20 Datasheet PDF - STMicroelectronics
Part # STB10NB20
Download  STB10NB20 Download
File Size   81.78 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET

STB10NB20 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB10NB20 Datasheet PDF - STMicroelectronics

Part # STB10NB20
Download  STB10NB20 Click to download

File Size   81.78 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET

STB10NB20 Datasheet (HTML) - STMicroelectronics


STB10NB20 Product details

DESCRIPTION
Using the latest high voltage MESH OVERLAY™ process, STMicroelectronis has designed an advanced family of power MOSFETs with outstanding performances. The new patent pending strip layout coupled with the Company’s proprietary edge termination structure, gives the lowest RDS(on) per area, exceptional avalanche and dv/ dt capabilities and unrivalled gate charge and switching characteristics.

■ TYPICAL RDS(on) = 0.30 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ FOR THROUGH-HOLE VERSION CONTACT SALES OFFICE

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITCH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVE




Similar Part No. - STB10NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
More results


Similar Description - STB10NB20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
Jun-1998
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
N-CHANNEL 600V - 1Ω - 5.8A D2PAK PowerMesh™ II MOSFET
Oct-2001
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET
Nov-2001
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
Jun-1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com