Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB5NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB5NB80
Description  N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB5NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STB5NB80 Datasheet HTML 1Page - STMicroelectronics STB5NB80 Datasheet HTML 2Page - STMicroelectronics STB5NB80 Datasheet HTML 3Page - STMicroelectronics STB5NB80 Datasheet HTML 4Page - STMicroelectronics STB5NB80 Datasheet HTML 5Page - STMicroelectronics STB5NB80 Datasheet HTML 6Page - STMicroelectronics STB5NB80 Datasheet HTML 7Page - STMicroelectronics STB5NB80 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STB5NB80
N - CHANNEL 800V - 1.8
Ω -5A- D2PAK
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 1.8
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
DC-AC CONVERTERS FOR WELDING
s
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
1
3
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)
800
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (cont inuous) at Tc =25
o C5
A
ID
Drain Current (cont inuous) at Tc = 100
oC3.2
A
IDM(
•)
Drain Current (pulsed)
20
A
Ptot
T otal Dissipation at Tc =25
oC110
W
Derating F act or
0.88
W /
oC
dv/dt (1)
Peak Diode Recovery voltage slope
4
V/ns
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
(*) Limited only by maximum temperature allowed
( 1)ISD
≤ 5A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST B5NB80
800 V
< 2.2
Ω
5A
D2PAK
TO-263
1/8


Similar Part No. - STB5NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
More results

Similar Description - STB5NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET
Oct-2001
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Sep-1998
STD3NB30 STMICROELECTRONICS-STD3NB30 Datasheet
85Kb / 8P
N - CHANNEL 300V - 1.8ohm - 3.2A - DPAK PowerMESH MOSFET
Jan-1999
STD3NC60 STMICROELECTRONICS-STD3NC60 Datasheet
460Kb / 10P
N-CHANNEL 600V - 1.8ohm - 3.2A DPAK / IPAK PowerMesh™ I MOSFET
Aug-2002
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
logo
Unisonic Technologies
5N80_1108 UTC-5N80_1108 Datasheet
178Kb / 5P
5A, 800V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com