Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V54C3128 Datasheet (PDF) - Mosel Vitelic, Corp

V54C3128 Datasheet PDF - Mosel Vitelic, Corp
Part # V54C3128
Download  V54C3128 Download
File Size   871.51 Kbytes
Page   45 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128Mbit SDRAM 3.3 VOLT, BGA PACKAGE

V54C3128 Datasheet (PDF)

Go To PDF Page Download Datasheet
V54C3128 Datasheet PDF - Mosel Vitelic, Corp

Part # V54C3128
Download  V54C3128 Click to download

File Size   871.51 Kbytes
Page   45 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128Mbit SDRAM 3.3 VOLT, BGA PACKAGE

V54C3128 Datasheet (HTML) - Mosel Vitelic, Corp


V54C3128 Product details

Description The V54C3128(16/80/40)4V(BGA) is a four bank Synchronous DRAM organized as 4 banks x 2Mbit x 16, 4 banks x 4Mbit x 8, or 4 banks x 8Mbit x 4. The V54C3128(16/80/40)4V(BGA) achieves high speed data transfer rates up to 166 MHz by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock
All of the control, address, data input and output circuits are synchronized with the positive edge of an externally supplied clock.
Operating the four memory banks in an interleaved fashion allows random access operation to occur at higher rate than is possible with standard DRAMs. A sequential and gapless data rate of up to 166 MHz is possible depending on burst length, CAS latency and speed grade of the device.

Features
■ 4 banks x 2Mbit x 16 organization
■ 4 banks x 4Mbit x 8 organization
■ 4 banks x 8Mbit x 4 organization
■ High speed data transfer rates up to 166 MHz
■ Full Synchronous Dynamic RAM, with all signals
   referenced to clock rising edge
■ Single Pulsed RAS Interface
■ Data Mask for Read/Write Control
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency: 2, 3
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length:
   1, 2, 4, 8 for Sequential Type
   1, 2, 4, 8 for Interleave Type
■ Multiple Burst Read with Single Write Operation
■ Automatic and Controlled Precharge Command
■ Random Column Address every CLK (1-N Rule)
■ Power Down Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 60 Pin WBGA
■ LVTTL Interface
■ Single +3.3 V ±0.3 V Power Supply




Similar Part No. - V54C3128

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128804VAT MOSEL-V54C3128804VAT Datasheet
362Kb / 43P
HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
V54C3128804VAT7 MOSEL-V54C3128804VAT7 Datasheet
362Kb / 43P
HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
V54C3128804VAT8 MOSEL-V54C3128804VAT8 Datasheet
362Kb / 43P
HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
More results


Similar Description - V54C3128

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256164VBUC MOSEL-V54C3256164VBUC Datasheet
651Kb / 45P
LOW POWER 256Mbit SDRAM 3.3 VOLT, 54-BALL SOC BGA 54-PIN TSOPII 16M X 16
V55C2128164V MOSEL-V55C2128164V Datasheet
591Kb / 44P
128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16
logo
Samsung semiconductor
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
128Mbit GDDR SDRAM
K4N26323AE SAMSUNG-K4N26323AE Datasheet
826Kb / 52P
128Mbit GDDR2 SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
128Mbit DDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
128Mbit GDDR SDRAM
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com