Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V55C2128164V Datasheet (PDF) - Mosel Vitelic, Corp

V55C2128164V Datasheet PDF - Mosel Vitelic, Corp
Part # V55C2128164V
Download  V55C2128164V Download
File Size   591.5 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16

V55C2128164V Datasheet (PDF)

Go To PDF Page Download Datasheet
V55C2128164V Datasheet PDF - Mosel Vitelic, Corp

Part # V55C2128164V
Download  V55C2128164V Click to download

File Size   591.5 Kbytes
Page   44 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 128Mbit LOW-POWER SDRAM 2.5 VOLT, TSOP II / BGA PACKAGE 8M X 16

V55C2128164V Datasheet (HTML) - Mosel Vitelic, Corp


V55C2128164V Product details

Description
The V55C2128164V(T/B) is a four bank Synchronous DRAM organized as 4 banks x 2Mbit x 16. The V55C2128164V(T/B) achieves high speed data transfer rates up to 166 MHz by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock
All of the control, address, data input and output circuits are synchronized with the positive edge of an externally supplied clock.
Operating the four memory banks in an interleaved fashion allows random access operation to occur at higher rate than is possible with standard DRAMs. A sequential and gapless data rate of up to 166 MHz is possible depending on burst length, CAS latency and speed grade of the device.

Features
■ 4 banks x 2Mbit x 16 organization
■ High speed data transfer rates up to 166 MHz
■ Full Synchronous Dynamic RAM, with all signals referenced to clock rising edge
■ Single Pulsed RAS Interface
■ Data Mask for Read/Write Control
■ Four Banks controlled by BA0 & BA1
■ Programmable CAS Latency:1, 2, 3
■ Programmable Wrap Sequence: Sequential or Interleave
■ Programmable Burst Length:
   1, 2, 4, 8, Full page for Sequential Type
   1, 2, 4, 8 for Interleave Type
■ Multiple Burst Read with Single Write Operation
■ Automatic and Controlled Precharge Command
■ Random Column Address every CLK (1-N Rule)
■ Power Down Mode and Clock Suspend Mode
■ Deep Power Mode
■ Auto Refresh and Self Refresh
■ Refresh Interval: 4096 cycles/64 ms
■ Available in 54-ball FBGA, with 9x6 ball array with 3 depupulated rows, 9x8 mm and 54 pin TSOP II
■ VDD=2.5V, VDDQ=1.8V
■ Programmable Power Reduction Feature by partial array activation during Self-Refresh
■ Operating Temperature Range
   Commercial (0°C to 70°C)
   Extended (-25°C to +85°C)




Similar Part No. - V55C2128164V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
More results


Similar Description - V55C2128164V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
logo
Taiwan Memory Technolog...
T4312816A TMT-T4312816A Datasheet
711Kb / 29P
8M x 16 SDRAM???
logo
Samsung semiconductor
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
logo
List of Unclassifed Man...
V55C2256164VB ETC1-V55C2256164VB Datasheet
560Kb / 46P
256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
logo
Elite Semiconductor Mem...
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
8M x 16 Bit x 4 Banks DDR II SDRAM
logo
Alliance Semiconductor ...
AS4C2M32SA ALSC-AS4C2M32SA Datasheet
5Mb / 54P
64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com