Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103 Datasheet (PDF) - STMicroelectronics

103 Datasheet PDF - STMicroelectronics
Part # 103
Download  103 Download
File Size   145.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS

103 Datasheet (PDF)

Go To PDF Page Download Datasheet
103 Datasheet PDF - STMicroelectronics

Part # 103
Download  103 Click to download

File Size   145.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS

103 Datasheet (HTML) - STMicroelectronics


103 Product details

DESCRIPTION
The STB7102, STB7103 and STB7104 designed for Mobile Phone applications (0.1/2.5GHz), are an high isolation Si MMIC Buffer Amplifiers. Manufactured in the third generation of ST proprietary bipolar process, they offers an excellent isolation and a good linearity using a low current consumption. These low current amplifiers operate on 3.0 V. The STB710x family is housed in an ultra miniature package SOT323-6L surface mount package. SOT323-6L dimensions are 1.15mmx1.8mm with 0.8 mm thickness.

FEATURES
STB710X FAMILY
• OPERATING FREQUENCY 100-2500MHz
• EXCELLENT ISOLATION
• LOW CURRENT CONSUMPTION
• ULTRA MINIATURE SOT323-6L PACKAGE
   (1.15 x 1.8 x 0.8 mm)
  
STB7102
• HIGH ISOLATION (45 dB @ 950 MHz)

STB7103
• HIGH LINEARITY (P1 dB OUTPUT = +1.5 dBm)

STB7104
• LOW CURRENT CONSUMPTION (2.8 mA)

APPLICATION
   UHF BUFFER AMPLIFIER for Mobile Phone Application (0.1/2.5GHz)




Similar Part No. - 103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
103 ETC2-103 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
DB Lectro Inc
103 DBLECTRO-103 Datasheet
21Kb / 1P
D챕tails complets sur le site du fabricant:
logo
Alpha Wire
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
99Kb / 4P
Customer Specification
11/28/2022
logo
3M Electronics
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results


Similar Description - 103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313 AD-AD8313 Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
logo
Fairchild Semiconductor
RMWB04001 FAIRCHILD-RMWB04001 Datasheet
112Kb / 7P
4 GHz Buffer Amplifier MMIC
RMWB11001 FAIRCHILD-RMWB11001 Datasheet
355Kb / 6P
11 GHz Buffer Amplifier MMIC
RMWB12001 FAIRCHILD-RMWB12001 Datasheet
201Kb / 6P
12 GHz Buffer Amplifier MMIC
RMWB24001 FAIRCHILD-RMWB24001 Datasheet
98Kb / 7P
24 GHz Buffer Amplifier MMIC
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
33 GHz Buffer Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4_06 Datasheet
352Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
logo
Transcom, Inc.
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com