Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 103
Description  0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

103 Datasheet(HTML) 1 Page - STMicroelectronics

  103 Datasheet HTML 1Page - STMicroelectronics 103 Datasheet HTML 2Page - STMicroelectronics 103 Datasheet HTML 3Page - STMicroelectronics 103 Datasheet HTML 4Page - STMicroelectronics 103 Datasheet HTML 5Page - STMicroelectronics 103 Datasheet HTML 6Page - STMicroelectronics 103 Datasheet HTML 7Page - STMicroelectronics 103 Datasheet HTML 8Page - STMicroelectronics 103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
PRELIMINARY DATA
June, 17 2002
STB7102, STB7103, STB7104
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
SOT323-6L (SC70)
DESCRIPTION
The STB7102, STB7103 and STB7104 designed for Mobile Phone applications (0.1/2.5GHz), are an
high isolation Si MMIC Buffer Amplifiers. Manufactured in the third generation of ST proprietary bipolar
process, they offers an excellent isolation and a good linearity using a low current consumption. These
low current amplifiers operate on 3.0 V. The STB710x family is housed in an ultra miniature package
SOT323-6L surface mount package. SOT323-6L dimensions are 1.15mmx1.8mm with 0.8 mm
thickness.
APPLICATION
UHF BUFFER AMPLIFIER for Mobile Phone Application (0.1/2.5GHz)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Value
Unit
Vcc
Supply voltage
3.3
V
Tstg
Storage temperature
-40 to +100
oC
Ta
Operating ambient temperature
-30 to +85
oC
FEATURES
STB710X FAMILY
• OPERATING FREQUENCY 100-2500MHz
• EXCELLENT ISOLATION
• LOW CURRENT CONSUMPTION
• ULTRA MINIATURE SOT323-6L PACKAGE
(1.15 x 1.8 x 0.8 mm)
STB7102
• HIGH ISOLATION (45 dB @ 950 MHz)
STB7103
• HIGH LINEARITY (P1 dB OUTPUT = +1.5 dBm)
STB7104
• LOW CURRENT CONSUMPTION (2.8 mA)
ORDERING INFORMATION
P/N
ORDER CODE
MARKING
STB7102
STB7102TR
102
STB7103
TBD
103
STB7104
TBD
104


Similar Part No. - 103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
103 ETC2-103 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
DB Lectro Inc
103 DBLECTRO-103 Datasheet
21Kb / 1P
D챕tails complets sur le site du fabricant:
logo
Alpha Wire
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
99Kb / 4P
Customer Specification
11/28/2022
logo
3M Electronics
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results

Similar Description - 103

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313 AD-AD8313 Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
logo
Fairchild Semiconductor
RMWB04001 FAIRCHILD-RMWB04001 Datasheet
112Kb / 7P
4 GHz Buffer Amplifier MMIC
RMWB11001 FAIRCHILD-RMWB11001 Datasheet
355Kb / 6P
11 GHz Buffer Amplifier MMIC
RMWB12001 FAIRCHILD-RMWB12001 Datasheet
201Kb / 6P
12 GHz Buffer Amplifier MMIC
RMWB24001 FAIRCHILD-RMWB24001 Datasheet
98Kb / 7P
24 GHz Buffer Amplifier MMIC
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
33 GHz Buffer Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4_06 Datasheet
352Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
logo
Transcom, Inc.
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com