Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40947 Datasheet (PDF) - Tyco Electronics

40947 Datasheet PDF - Tyco Electronics
Part # 40947
Download  40947 Download
File Size   204.78 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1 pole 10 A, for high inrush currents, mono- or bistable

40947 Datasheet (PDF)

Go To PDF Page Download Datasheet
40947 Datasheet PDF - Tyco Electronics

Part # 40947
Download  40947 Click to download

File Size   204.78 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1 pole 10 A, for high inrush currents, mono- or bistable

40947 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 40947

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4094 MOLEX-4094 Datasheet
69Kb / 2P
KK Mini -2.50mm & 2.54mm Modular Interconnection System
409410CB501 MOLEX2-409410CB501 Datasheet
167Kb / 4P
2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Single Row, Right Angle, 10 Circuits, PA Polyamide Nylon, Gold (Au) Plating
logo
TE Connectivity Ltd
409414-1 TEC-409414-1 Datasheet
4Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
409414-3 TEC-409414-3 Datasheet
5Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results


Similar Description - 40947

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Tyco Electronics
42903 MACOM-42903 Datasheet
168Kb / 2P
Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
logo
fujitsu semiconductor
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
High inrush currents with AgSnO contacts
T9A MACOM-T9A Datasheet
242Kb / 3P
1 pole 30 A, 1 NO or 1 CO contact
V23040 MACOM-V23040 Datasheet
906Kb / 7P
For DC Operations, Polarised, Monostable or Bistable
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
For DC operations, polarised, monostable or bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
logo
Schneider Electric
K10D004QCH SCHNEIDER-K10D004QCH Datasheet
145Kb / 10P
cam stepping switch - 1 pole - 30째 - 10 A - for 횠 16 or 22 mm
Feb 3, 2022
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com