Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42903 Datasheet (PDF) - Tyco Electronics

42903 Datasheet PDF - Tyco Electronics
Part # 42903
Download  42903 Download
File Size   168.66 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A

42903 Datasheet (PDF)

Go To PDF Page Download Datasheet
42903 Datasheet PDF - Tyco Electronics

Part # 42903
Download  42903 Click to download

File Size   168.66 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A

42903 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 42903

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4290 POMONA-4290 Datasheet
26Kb / 1P
Adapter, SMA Male To BNC Female
logo
TE Connectivity Ltd
4290 TEC-4290 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Adafruit Industries
4290 ADAFRUIT-4290 Datasheet
1Mb / 3P
M5Stick-C Pico Mini IoT Development Board
8-8-19
logo
Tyco Electronics
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Turck, Inc.
4290000 TURCK-4290000 Datasheet
373Kb / 3P
Inductive Sensor – For Rotary Actuators
11/07/2023
More results


Similar Description - 42903

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A
logo
fujitsu semiconductor
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
logo
Tyco Electronics
40947 MACOM-40947 Datasheet
204Kb / 3P
1 pole 10 A, for high inrush currents, mono- or bistable
logo
fujitsu semiconductor
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
Omron Electronics LLC
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
A Cubic, Single-pole 10-A Power Relay
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com