Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9877 Datasheet (PDF) - Maxim Integrated Products

MAX9877 Datasheet PDF - Maxim Integrated Products
Part # MAX9877
Download  MAX9877 Download
File Size   498.66 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier

MAX9877 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9877 Datasheet PDF - Maxim Integrated Products

Part # MAX9877
Download  MAX9877 Click to download

File Size   498.66 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier

MAX9877 Datasheet (HTML) - Maxim Integrated Products


MAX9877 Product details

General Description
The MAX9877 combines a high-efficiency Class D audio power amplifier with a stereo Class AB capacitor less DirectDrive® headphone amplifier. Maxim’s 3rd generation, filterless Class D amplifier with active emissions limiting technology provides Class AB performance with Class D efficiency.
The MAX9877 delivers up to 725mW from a 3.7V supply into an 8Ω load with 87% efficiency to extend battery life. The filterless modulation scheme combined with active emissions limiting circuitry and spread-spectrum modulation greatly reduces EMI while eliminating the need for output filtering used in traditional Class D devices.

Features
♦ Low Emissions, Filterless Class D Amplifier
   Achieves Better than 10dB Margin Under EN55022
   Class B Limits
♦ Low RF Susceptibility Design Rejects TDMA
   Noise from GSM Radios
♦ Input Mixer with User-Defined Input Mode
♦ 725mW Speaker Output (RSPK = 8Ω, PVDD = 3.7V)
♦ 53mW Headphone Output (RHP = 16Ω, VDD = 3.7V)
♦ Low 0.05% THD+N at 1kHz (Class D Power
   Amplifier)
♦ Low 0.016% THD+N at 1kHz (Headphone
   Amplifier)
♦ 87% Efficiency (RSPK = 8Ω, POUT = 750mW)
♦ 1.6Ω Analog Switch for Speaker Amplifier Bypass
♦ High Speaker Amplifier PSRR (72dB at 217Hz)
♦ High Headphone Amplifier PSRR (84dB at 217Hz)
♦ I2C Control
♦ Hardware and Software Shutdown Mode
♦ Click-and-Pop Suppression
♦ Current-Limit and Thermal Protection
♦ Available in a Space-Saving, 2.5mm x 2.0mm WLP
   Package

Applications
   Cell Phones
   Portable Multimedia Players




Similar Part No. - MAX9877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
MAX9877AERP+T MAXIM-MAX9877AERP+T Datasheet
557Kb / 31P
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
More results


Similar Description - MAX9877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9877AERP MAXIM-MAX9877AERP Datasheet
557Kb / 31P
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com